Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FPWINPROSEN5 Arkusz danych(PDF) 22 Page - Panasonic Semiconductor

Numer części FPWINPROSEN5
Szczegółowy opis  Programmable Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FPWINPROSEN5 Arkusz danych(HTML) 22 Page - Panasonic Semiconductor

Back Button FPWINPROSEN5 Datasheet HTML 16Page - Panasonic Semiconductor FPWINPROSEN5 Datasheet HTML 17Page - Panasonic Semiconductor FPWINPROSEN5 Datasheet HTML 18Page - Panasonic Semiconductor FPWINPROSEN5 Datasheet HTML 19Page - Panasonic Semiconductor FPWINPROSEN5 Datasheet HTML 20Page - Panasonic Semiconductor FPWINPROSEN5 Datasheet HTML 21Page - Panasonic Semiconductor FPWINPROSEN5 Datasheet HTML 22Page - Panasonic Semiconductor FPWINPROSEN5 Datasheet HTML 23Page - Panasonic Semiconductor FPWINPROSEN5 Datasheet HTML 24Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
FP
S (Sigma) product overview
Part numbers
FP
S (Sigma) control units
Product name
Part number
FP
S C28 CPU, 16 inputs, 12 outputs (transistor PNP)
FPG-C28P2H-A
FP
S C32 CPU, 16 inputs, 16 outputs (transistor NPN)
FPG-C32T2H-A
FP
S C24 CPU, 16 inputs, 8 outputs (relay)
FPG-C24R2H-A
FP
S C28 CPU, 16 inputs (+ 2 thermistor inputs) , 12 outputs (transistor PNP)
FPG-C28P2HTM
FP
S C32 CPU, 16 inputs (+ 2 thermistor inputs) , 16 outputs (transistor NPN)
FPG-C32T2HTM
FP
S C24 CPU, 16 inputs (+ 2 thermistor inputs), 8 outputs (relay)
FPG-C24R2HTM
FP
S (Sigma) expansion units (left side expansion)
FP
S 64-points I/O expansion unit, 32 inputs, 32 outputs (transistor PNP)
FPG-XY64D2P-A
FP
S 64-points I/O expansion unit, 32 inputs, 32 outputs (transistor NPN)
FPG-XY64D2T-A
FP
S memory expansion unit, 256k words
FPG-EM1
FP
S positioning expansion unit, 1 axis type, transistor output
FPG-PP11
FP
S positioning expansion unit, 1 axis type, line driver output
FPG-PP12
FP
S positioning expansion unit, 2 axes type, transistor output
FPG-PP21
FP
S positioning expansion unit, 2 axes type, line driver output
FPG-PP22
FP
S positioning expansion unit RTEX, 2 axes type
FPG-PN2AN
FP
S positioning expansion unit RTEX, 4 axes type
FPG-PN4AN
FP
S positioning expansion unit RTEX, 8 axes type
FPG-PN8AN
FP
S PROFIBUS master expansion unit
FPG-DPV1-M
FP
S FNS + PROFIBUS DP slave module
FPGFNS + AFPNAB6200
FP
S CANopen master expansion unit
FPG-CAN-M
FP
S FNS + CANopen slave module
FPGFNS + AFPNAB6218
FP
S DeviceNet master expansion unit
FPG-DEV-M
FP
S FNS + DeviceNet slave module
FPGFNS + AFPNAB6201
FP
S S-Link master expansion unit
FPG-SL
FP
S CC-Link slave expansion unit
FPG-CCLS
FP0 expansion units (right side expansion)
FP0-E8RS, 4 inputs, 4 outputs (relay)
FP0-E8RSA
FP0-E8X, 8 inputs
FP0-E8XA
FP0-E8YP, 8 outputs (transistor PNP)
FP0-E8YPA
FP0-E8YT, 8 outputs (transistor NPN)
FP0-E8YTA
FP0-E16RS, 8 inputs, 8 outputs (relay)
FP0-E16RSA
FP0-E16P, 8 inputs, 8 outputs (transistor, PNP)
FP0-E16PA
FP0-E16T, 8 inputs, 8 outputs (transistor, NPN)
FP0-E16TA
FP0-E16X, 16 inputs
FP0-E16XA
FP0-E16YP, 16 outputs (transistor PNP)
FP0-E16YPA
FP0-E16YT, 16 outputs (transistor NPN)
FP0-E16YTA
FP0-E32PA, 16 inputs, 16 outputs (PNP)
FP0-E32PA
FP0-E32RS, 16 inputs, 16 outputs (relay)
FP0-E32RS
FP0-E32T 16 inputs, 16 outputs (NPN)
FP0-E32T
FP0-A21A, 2 analog inputs, 1 analog output
FP0-A21A
FP0A04V, 4 analog outputs, -10 to 10V
FP0-A04V
FP0-A04I, 4 analog outputs, 4 to 20mA
FP0-A04I
FP0-A80A, 8 analog inputs
FP0-A80A
FP0 thermocouple unit, 4 inputs
FP0-TC4
FP0 thermocouple unit, 8 inputs
FP0-TC8
FP0 RTD input unit, 6 inputs
FP0-RTD6
FP Web-Server
FPWEB2
09/2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com