Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FPWINPROSEN5 Arkusz danych(PDF) 15 Page - Panasonic Semiconductor

Numer części FPWINPROSEN5
Szczegółowy opis  Programmable Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FPWINPROSEN5 Arkusz danych(HTML) 15 Page - Panasonic Semiconductor

Back Button FPWINPROSEN5 Datasheet HTML 11Page - Panasonic Semiconductor FPWINPROSEN5 Datasheet HTML 12Page - Panasonic Semiconductor FPWINPROSEN5 Datasheet HTML 13Page - Panasonic Semiconductor FPWINPROSEN5 Datasheet HTML 14Page - Panasonic Semiconductor FPWINPROSEN5 Datasheet HTML 15Page - Panasonic Semiconductor FPWINPROSEN5 Datasheet HTML 16Page - Panasonic Semiconductor FPWINPROSEN5 Datasheet HTML 17Page - Panasonic Semiconductor FPWINPROSEN5 Datasheet HTML 18Page - Panasonic Semiconductor FPWINPROSEN5 Datasheet HTML 19Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
FP
S (Sigma) Fieldbus Master Units
The optimal network solution for your facility
The expansion Fieldbus Master Units (FMU) allow you to integrate FP
S (Sigma) PLCs into your network with a maximum degree of
flexibility. The units are available for three bus systems: PROFIBUS, DeviceNet and CANopen. Others are planned for the future.
FP
S FMU PROFIBUS:
FPG-DPV1-M
FP
S FMU DeviceNet:
FPG-DEV-M
FP
S FMU CANopen:
FPG-CAN-M
Advantages:
Wide range of connectivity solutions for FP

S (Sigma).
One PLC hardware platform for several bus systems.

Gateway function between Fieldbus types simply by connecting the

corresponding expansion units to the same CPU.
One configuration software for various Fieldbus systems:

one-time cost, several network types,

only one installation necessary,

user must only be trained to use one software.

The configuration software is integrated in the PLC programming

software Control FPWIN Pro:
no additional software required on the PC,

bus-relevant global variables are automatically generated for the

PLC program
Fieldbus Master Units (FMU) Library for PROFIBUS, DeviceNet and

CANopen can be downloaded free of charge from Panasonic Electric
Works’ internet homepage.
Control Configurator FM is an add-on
software for Control FPWIN Pro and is
used to configure and diagnose the FMUs.
Part number: AFPS35510
FMU (Fieldbus Master Unit) specifications:
Technical data
PROFIBUS DP
DeviceNet
CANopen
Bustype
RS485
CAN / ISO 11898
Number of slaves
125
63
126
Number of process data
3584 bytes for inputs and 3584 bytes for outputs
Bus length
100m (12Mbit/s)
200m (1.5Mbit/s)
400m (500kbit/s)
1km (187.5kbit/s)
100m (500kbit/s)
250m (250kbit/s)
500m (100kbit/s)
40m (1Mbit/s)
500m (100kbit/s)
Connection types
DP-V0: process data is accessed
from the PROFIBUS network
as cyclical I/O data
Cyclic connections
•
COS (Change of State)
•
Bit strobe connections
•
Polled connections
•
Explicit connections
•
PDO (Process Data Object)
Exchange via:
Cyclic synchronous
•
Acyclic synchronous
•
COS
•
Timer-driven connections
•
Internal current consumption
450mA
150mA
450mA
Connector type
DB9F (9-pin D-Sub female)
5-pin terminal block
DB9M (9-pin D-Sub male)
Weight
95g
09/2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com