| Zakładka z wyszukiwarką danych komponentów |
|
AMMC002AWP Arkusz danych(PDF) 7 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AMMC002AWP Arkusz danych(HTML) 7 Page - Advanced Micro Devices |
|
7 / 39 page ![]() AmMC0XXA 7 PREL I M I N AR Y ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the following: Valid Combinations Valid Combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. AM MC 008 SPEED OPTION See Valid Combinations below MINIATURE CARD MEMORY CARD DENSITY 002 = 2 Megabyte Card 004 = 4 Megabyte Card 008 = 8 Megabyte Card AMD A REVISION LEVEL -100 I TEMPERATURE RANGE Blank = Commercial (0 °C to +70°C) I= Industrial (–40 °C to +85°C) WP WRITE PROTECT SWITCH OPTION WP = Switch installed Valid Combinations AmMC002AWP -100, -100I, -150 AmMC004AWP AmMC008AWP |