Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AMMC002AWP Arkusz danych(PDF) 8 Page - Advanced Micro Devices

Numer części AMMC002AWP
Szczegółowy opis  2, 4, or 8 Megabyte 5.0 Volt-only Flash Miniature Card
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMC002AWP Arkusz danych(HTML) 8 Page - Advanced Micro Devices

Back Button AMMC002AWP Datasheet HTML 4Page - Advanced Micro Devices AMMC002AWP Datasheet HTML 5Page - Advanced Micro Devices AMMC002AWP Datasheet HTML 6Page - Advanced Micro Devices AMMC002AWP Datasheet HTML 7Page - Advanced Micro Devices AMMC002AWP Datasheet HTML 8Page - Advanced Micro Devices AMMC002AWP Datasheet HTML 9Page - Advanced Micro Devices AMMC002AWP Datasheet HTML 10Page - Advanced Micro Devices AMMC002AWP Datasheet HTML 11Page - Advanced Micro Devices AMMC002AWP Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
8AmMC0XXA
PR EL IMIN AR Y
INTERFACE SIGNAL ASSIGNMENTS
Note: NC = No Connect; RFU = Reserved for Future Use.
FLASH MINIATURE CARD OPERATIONS
Voltage Sensing
AMD Miniature Cards provide two voltage sense
signals for hosts that support multiple voltages. The
multivoltage host can sense the voltage level of the
Miniature Card and power up the card at that voltage.
See Table 3 for a description of the voltage sense
signals.
In addition to the voltage sense pins, there are also
mechanical voltage keys on the Miniature Card that
ensure the card can only be inserted into host systems
that can supply the proper voltage levels to the card.
Refer to Section 4.1.2 in the Miniature Card specifica-
tion for more information on mechanical keying.
Table 3.
Voltage Sense Signals
Pad Number
Signal Name
Pad Number
Signal Name
Pad Number
Signal Name
1A18
21
D12
41A4
2
A16
22
D10
42
CEL#
3
A14
23
D9
43
A1
4NC
24
D0
44
NC
5CEH#
25
D2
45
NC
6
A11
26
D4
46
CD#
7
A9
27
RFU
47
A21
8
A8
28
D7
48
BUSY#
9A6
29
NC
49
WE#
10
A5
30
NC
50
D14
11
A3
31
A19
51
RFU
12
A2
32
A17
52
D11
13
A0
33
A15
53
VS2#
14
NC
34
A13
54
D8
15
A24
35
A12
55
D1
16
A23
36
RESET#
56
D3
17
A22
37
A10
57
D5
18
OE#
38
VS1#
58
D6
19
D15
39
A7
59
RFU
20
D13
40
BS8#
60
A20
Miniature Card
Power-Up Voltage
VS1#
VS2#
5 Volt-only
Open
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39