| Zakładka z wyszukiwarką danych komponentów |
|
AM29F100B-90ECB Arkusz danych(PDF) 8 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F100B-90ECB Arkusz danych(HTML) 8 Page - Advanced Micro Devices |
|
8 / 36 page ![]() 8 Am29F100 An erase operation can erase one sector, multiple sec- tors, or the entire device. The Sector Address Tables indicate the address space that each sector occupies. A “sector address” consists of the address bits required to uniquely select a sector. See the “Command Defini- tions” section for details on erasing a sector or the en- tire chip, or suspending/resuming the erase operation. After the system writes the autoselect command se- quence, the device enters the autoselect mode. The system can then read autoselect codes from the inter- nal register (which is separate from the memory array) on DQ7–DQ0. Standard read cycle timings apply in this mode. Refer to the “Autoselect Mode” and “Autoselect Command Sequence” sections for more information. ICC2 in the DC Characteristics table represents the ac- tive current specification for the write mode. The “AC Characteristics” section contains timing specification tables and timing diagrams for write operations. Program and Erase Operation Status During an erase or program operation, the system may check the status of the operation by reading the status bits on DQ7–DQ0. Standard read cycle timings and ICC read specifications apply. Refer to “Write Operation Status” for more information, and to each AC Charac- teristics section for timing diagrams. Standby Mode When the system is not reading or writing to the device, it can place the device in the standby mode. In this mode, current consumption is greatly reduced, and the outputs are placed in the high impedance state, inde- pendent of the OE# input. The device enters the CMOS standby mode when CE# and RESET# pins are both held at VCC ± 0.5 V. (Note that this is a more restricted voltage range than VIH.) The device enters the TTL standby mode when CE# and RESET# pins are both held at VIH. The device re- quires standard access time (tCE) for read access when the device is in either of these standby modes, before it is ready to read data. The device also enters the standby mode when the RESET# pin is driven low. Refer to the next section, “RESET#: Hardware Reset Pin”. If the device is deselected during erasure or program- ming, the device draws active current until the operation is completed. In the DC Characteristics tables, ICC3 represents the standby current specification. RESET#: HARDWARE RESET PIN The RESET# pin provides a hardware method of reset- ting the device to reading array data. When the system drives the RESET# pin low for at least a period of tRP, the device immediately terminates any operation in progress, tristates all data output pins, and ignores all read/write attempts for the duration of the RESET# pulse. The device also resets the internal state ma- chine to reading array data. The operation that was in- terrupted should be reinitiated once the device is ready to accept another command sequence, to ensure data integrity. Current is reduced for the duration of the RESET# pulse. When RESET# is held at VIL, the device enters the TTL standby mode; if RESET# is held at VSS ± 0.5 V, the device enters the CMOS standby mode. The RESET# pin may be tied to the system reset cir- cuitry. A system reset would thus also reset the Flash memory, enabling the system to read the boot-up firm- ware from the Flash memory. If RESET# is asserted during a program or erase oper- ation, the RY/BY# pin remains a “0” (busy) until the in- ternal reset operation is complete, which requires a time of tREADY (during Embedded Algorithms). The system can thus monitor RY/BY# to determine whether the reset operation is complete. If RESET# is asserted when a program or erase operation is not executing (RY/BY# pin is “1”), the reset operation is completed within a time of tREADY (not during Embedded Algo- rithms). The system can read data tRH after the RE- SET# pin returns to VIH. Refer to the AC Characteristics tables for RESET# pa- rameters and timing diagram. Output Disable Mode When the OE# input is at VIH, output from the device is disabled. The output pins are placed in the high imped- ance state. |