Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29F100B-90ECB Arkusz danych(PDF) 9 Page - Advanced Micro Devices

Numer części AM29F100B-90ECB
Szczegółowy opis  1 Megabit (128 K x 8-bit/64 K x 16-bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F100B-90ECB Arkusz danych(HTML) 9 Page - Advanced Micro Devices

Back Button AM29F100B-90ECB Datasheet HTML 5Page - Advanced Micro Devices AM29F100B-90ECB Datasheet HTML 6Page - Advanced Micro Devices AM29F100B-90ECB Datasheet HTML 7Page - Advanced Micro Devices AM29F100B-90ECB Datasheet HTML 8Page - Advanced Micro Devices AM29F100B-90ECB Datasheet HTML 9Page - Advanced Micro Devices AM29F100B-90ECB Datasheet HTML 10Page - Advanced Micro Devices AM29F100B-90ECB Datasheet HTML 11Page - Advanced Micro Devices AM29F100B-90ECB Datasheet HTML 12Page - Advanced Micro Devices AM29F100B-90ECB Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Am29F100
9
Table 2.
Sector Addresses Tables (Am29F100T)
Table 3.
Sector Addresses Tables (Am29F100B)
Autoselect Mode
The autoselect mode provides manufacturer and de-
vice identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equipment
to automatically match a device to be programmed with
its corresponding programming algorithm. However,
the autoselect codes can also be accessed in-system
through the command register.
When using programming equipment, the autoselect
mode requires VID (11.5 V to 12.5 V) on address pin
A9. Address pins A6, A1, and A0 must be as shown in
Autoselect Codes (High Voltage Method) table. In ad-
dition, when verifying sector protection, the sector ad-
dress must appear on the appropriate highest order
address bits. Refer to the corresponding Sector Ad-
dress Tables. The Command Definitions table shows
the remaining address bits that are don’t care. When all
necessary bits have been set as required, the program-
ming equipment may then read the corresponding
identifier code on DQ7–DQ0.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in the Command Defini-
tions table. This method does not require VID. See
“Command Definitions” for details on using the autose-
lect mode.
Table 4.
Am29F100 Autoselect Codes (High Voltage Method)
L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don’t care.
A15
A14
A13
A12
(x8) Address Range
(x16) Address Range
SA0
0
X
X
X
00000h-0FFFFh
00000h-07FFFh
SA1
1
0
X
X
10000h-17FFFh
08000h-0BFFFh
SA2
1
1
0
0
18000h-19FFFh
0C000h-0CFFFh
SA3
1
1
0
1
1A000h-1BFFFh
0D000h-0DFFFh
SA4
1
1
1
X
1C000h-1FFFFh
0E000h-0FFFFh
A15
A14
A13
A12
(x8) Address Range
(x16) Address Range
SA0
0
0
0
X
00000h-03FFFh
00000h-01FFFh
SA1
0
0
1
0
04000h-05FFFh
02000h-02FFFh
SA2
0
0
1
1
06000h-07FFFh
03000h-03FFFh
SA3
0
1
X
X
08000h-0FFFFh
04000h-07FFFh
SA4
1
X
X
X
10000h-1FFFFh
08000h-0FFFFh
Description
Mode
CE#
OE#
WE#
A15
to
A12
A11
to
A10
A9
A8
to
A7
A6
A5
to
A2
A1
A0
DQ8
to
DQ15
DQ7
to
DQ0
Manufacturer ID: AMD
L
L
H
X
X
VID
XLXL
L
X
01h
Device ID:
Am29F100
(Top Boot Block)
Word
L
L
H
XX
VID
XLXL
H
22h
D9h
Byte
L
L
H
X
D9h
Device ID:
Am29F100
(Bottom Boot Block)
Word
L
L
H
XX
VID
XLXL
H
22h
DFh
Byte
L
L
H
X
DFh
Sector Protection Verification
L
L
H
SA
X
VID
XLX
H
L
X
01h
(protected)
X
00h
(unprotected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36