Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29SL800CT100FIB Arkusz danych(PDF) 28 Page - Advanced Micro Devices

Numer części AM29SL800CT100FIB
Szczegółowy opis  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800CT100FIB Arkusz danych(HTML) 28 Page - Advanced Micro Devices

Back Button AM29SL800CT100FIB Datasheet HTML 24Page - Advanced Micro Devices AM29SL800CT100FIB Datasheet HTML 25Page - Advanced Micro Devices AM29SL800CT100FIB Datasheet HTML 26Page - Advanced Micro Devices AM29SL800CT100FIB Datasheet HTML 27Page - Advanced Micro Devices AM29SL800CT100FIB Datasheet HTML 28Page - Advanced Micro Devices AM29SL800CT100FIB Datasheet HTML 29Page - Advanced Micro Devices AM29SL800CT100FIB Datasheet HTML 30Page - Advanced Micro Devices AM29SL800CT100FIB Datasheet HTML 31Page - Advanced Micro Devices AM29SL800CT100FIB Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
28
Am29SL800C
PR EL I M I NAR Y
AC CHARACTERISTICS
Hardware Reset (RESET#)
Note: Not 100% tested.
Parameter
Description
All Speed Options
JEDEC
Std
Test Setup
Unit
tREADY
RESET# Pin Low (During Embedded
Algorithms) to Read or Write (see Note)
Max
20
µs
tREADY
RESET# Pin Low (NOT During Embedded
Algorithms) to Read or Write (see Note)
Max
500
ns
tRP
RESET# Pulse Width
Min
500
ns
tRH
RESET# High Time Before Read (see Note)
Min
200
ns
tRPD
RESET# Low to Standby Mode
Min
20
µs
tRB
RY/BY# Recovery Time
Min
0
ns
RESET#
RY/BY#
RY/BY#
tRP
tReady
Reset Timings NOT during Embedded Algorithms
tReady
CE#, OE#
tRH
CE#, OE#
Reset Timings during Embedded Algorithms
RESET#
tRP
tRB
22230A-18
Figure 14.
RESET# Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41