| Zakładka z wyszukiwarką danych komponentów |
|
AM29SL800CT100FIB Arkusz danych(PDF) 7 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29SL800CT100FIB Arkusz danych(HTML) 7 Page - Advanced Micro Devices |
|
7 / 41 page ![]() Am29SL800C 7 PR EL I M I NAR Y ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combi- nation) is formed by a combination of the elements below. Valid Combinations Valid Combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. DEVICE NUMBER/DESCRIPTION Am29SL800C 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS Flash Memory 1.8 Volt-only Read, Program, and Erase C E 100 Am29SL800C T OPTIONAL PROCESSING Blank = Standard Processing B = Burn-in (Contact an AMD representative for more information) TEMPERATURE RANGE C= Commercial (0°C to +70°C) I = Industrial (–40°C to +85°C) PACKAGE TYPE E = 48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048) F = 48-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR048) WB = 48-ball Fine-Pitch Ball Grid Array (FBGA) 0.80 mm pitch, 6 x 9 mm package SPEED OPTION See Product Selector Guide and Valid Combinations BOOT CODE SECTOR ARCHITECTURE T = Top Sector B = Bottom Sector Valid Combinations Am29SL800CT100, Am29SL800CB100 EC, EI, FC, FI, WBC, WBI Am29SL800CT120, Am29SL800CB120 Am29SL800CT150, Am29SL800CB150 |