Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29F040-120EEB Arkusz danych(PDF) 2 Page - Advanced Micro Devices

Numer części AM29F040-120EEB
Szczegółowy opis  4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F040-120EEB Arkusz danych(HTML) 2 Page - Advanced Micro Devices

  AM29F040-120EEB Datasheet HTML 1Page - Advanced Micro Devices AM29F040-120EEB Datasheet HTML 2Page - Advanced Micro Devices AM29F040-120EEB Datasheet HTML 3Page - Advanced Micro Devices AM29F040-120EEB Datasheet HTML 4Page - Advanced Micro Devices AM29F040-120EEB Datasheet HTML 5Page - Advanced Micro Devices AM29F040-120EEB Datasheet HTML 6Page - Advanced Micro Devices AM29F040-120EEB Datasheet HTML 7Page - Advanced Micro Devices AM29F040-120EEB Datasheet HTML 8Page - Advanced Micro Devices AM29F040-120EEB Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
2
Am29F040
Any individual sector is typically erased and verified in
1.0 seconds (if already completely preprogrammed).
This device also features a sector erase architecture.
The sector mode allows for 64K byte blocks of memory
to be erased and reprogrammed without affecting
other blocks. The Am29F040 is erased when shipped
from the factory.
The device features single 5.0 V power supply opera-
tion for both read and write functions. Internally gener-
ated and regulated voltages are provided for the
program and erase operations. A low VCC detector
automatically inhibits write operations on the loss of
power. The end of program or erase is detected by Data
Polling of DQ7 or by the Toggle Bit feature on DQ6.
Once the end of a program or erase cycle has been
completed, the device internally resets to the read
mode.
AMD’s Flash technology combines years of EPROM
and E2PROM experience to produce the highest levels
of quality, reliability and cost effectiveness. The
Am29F040 memory electrically erases the entire chip
or all bits within a sector simultaneously via Fowler-
Nordheim tunneling. The bytes are programmed one
byte at a time using the EPROM programming
mechanism of hot electron injection.
Flexible Sector-Erase Architecture
s Eight 64 Kbyte sectors
s Individual-sector, multiple-sector, or bulk-erase
capability
s Individual or multiple-sector protection is user
definable
7FFFFh
6FFFFh
5FFFFh
64 Kbytes per Sector
4FFFFh
3FFFFh
2FFFFh
1FFFFh
0FFFFh
00000h
17113E-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33