| Zakładka z wyszukiwarką danych komponentów |
|
AM29F040-120EEB Arkusz danych(PDF) 21 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F040-120EEB Arkusz danych(HTML) 21 Page - Advanced Micro Devices |
|
21 / 33 page ![]() Am29F040 21 AC CHARACTERISTICS Read Only Operations Characteristics Notes: 1. Test Conditions (for -55): Output Load: 1 TTL gate and 30 pF Input rise and fall times: 5 ns Input pulse levels: 0.0 V to 3.0 V Timing measurement reference level, input and output: 1.5 V and 1.5 V (for all others): Output Load: 1 TTL gate and 100 pF Input rise and fall times: 20 ns Input pulse levels: 0.45 V to 2.4 V Timing measurement reference level, input and output: 0.8 V and 2.0 V 2. Output driver disable time. 3. Not 100% tested. Parameter Symbols Description Test Setup Speed Options (Note 1) Unit JEDEC Standard -55 -70 -90 -120 -150 tAVAV tRC Read Cycle Time (Note 3) Min 55 70 90 120 150 ns tAVQV tACC Address to Output Delay CE = VIL OE = VIL Max 55 70 90 120 150 ns tELQV tCE Chip Enable to Output Delay OE = VIL Max 55 70 90 120 150 ns tGLQV tOE Output Enable to Output Delay Max 30 30 35 50 55 ns tEHQZ tDF Chip Enable to Output High Z (Notes 2, 3) Max 18 20 20 30 35 ns tGHQZ tDF Output Enable to Output High Z (Notes 2, 3) 18 20 20 30 35 ns tAXQX tOH Output Hold Time from Addresses, CE or OE, Whichever Occurs First Min 00000 ns 2.7 k Ω Diodes = IN3064 or Equivalent CL 6.2 k Ω 5.0 V IN3064 or Equivalent Device Under Test 17113E-13 Notes: For –55: CL = 30 pF including jig capacitance For all others: CL = 100 pF including jig capacitance Figure 8. Test Conditions |