Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PM6652 Arkusz danych(PDF) 19 Page - STMicroelectronics

Numer części PM6652
Szczegółowy opis  Single-phase controller for Intel MVP 6.5 render voltage regulator,
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6652 Arkusz danych(HTML) 19 Page - STMicroelectronics

Back Button PM6652 Datasheet HTML 15Page - STMicroelectronics PM6652 Datasheet HTML 16Page - STMicroelectronics PM6652 Datasheet HTML 17Page - STMicroelectronics PM6652 Datasheet HTML 18Page - STMicroelectronics PM6652 Datasheet HTML 19Page - STMicroelectronics PM6652 Datasheet HTML 20Page - STMicroelectronics PM6652 Datasheet HTML 21Page - STMicroelectronics PM6652 Datasheet HTML 22Page - STMicroelectronics PM6652 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
PM6652
Voltage identification (VID)
Doc ID 16867 Rev 5
19/53
01
0001
0
1.1875
110
001
0
0.3875
01
0001
1
1.1750
110
001
1
0.3750
01
0010
0
1.1625
110
010
0
0.3625
01
0010
1
1.1500
110
010
1
0.3500
01
0011
0
1.1375
110
011
0
0.3375
01
0011
1
1.1250
110
011
1
0.3250
01
0100
0
1.1125
110
100
0
0.3125
01
0100
1
1.1000
110
100
1
0.3000
01
0101
0
1.0875
110
101
0
0.2875
01
0101
1
1.0750
110
101
1
0.2750
01
0110
0
1.0625
110
110
0
0.2625
01
0110
1
1.0500
110
110
1
0.2500
01
0111
0
1.0375
110
111
0
0.2375
01
0111
1
1.0250
110
111
1
0.2250
01
1000
0
1.0125
111
000
0
0.2125
01
1000
1
1.0000
111
000
1
0.2000
01
1001
0
0.9875
111
001
0
0.1875
01
1001
1
0.9750
111
001
1
0.1750
01
1010
0
0.9625
111
010
0
0.1625
01
1010
1
0.9500
111
010
1
0.1500
01
1011
0
0.9375
111
011
0
0.1375
01
1011
1
0.9250
111
011
1
0.1250
01
1100
0
0.9125
111
100
0
0.1125
01
1100
1
0.9000
111
100
1
0.1000
01
1101
0
0.8875
111
101
0
0.0875
01
1101
1
0.8750
111
101
1
0.0750
01
1110
0
0.8625
111
110
0
0.0625
01
1110
1
0.8500
111
110
1
0.0500
01
1111
0
0.8375
111
111
0
0.0375
01
1111
1
0.8250
111
111
1
OFF
Table 7.
Voltage identification (VID) for INTEL VR11 operation mode (continued)
VID6 VID5 VID4 VID3 VID2 VID1 VID0
VCORE
VID6 VID5 VID4 VID3 VID2 VID1 VID0
VCORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53