Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29F002T-55JIB Arkusz danych(PDF) 21 Page - Advanced Micro Devices

Numer części AM29F002T-55JIB
Szczegółowy opis  2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F002T-55JIB Arkusz danych(HTML) 21 Page - Advanced Micro Devices

Back Button AM29F002T-55JIB Datasheet HTML 17Page - Advanced Micro Devices AM29F002T-55JIB Datasheet HTML 18Page - Advanced Micro Devices AM29F002T-55JIB Datasheet HTML 19Page - Advanced Micro Devices AM29F002T-55JIB Datasheet HTML 20Page - Advanced Micro Devices AM29F002T-55JIB Datasheet HTML 21Page - Advanced Micro Devices AM29F002T-55JIB Datasheet HTML 22Page - Advanced Micro Devices AM29F002T-55JIB Datasheet HTML 23Page - Advanced Micro Devices AM29F002T-55JIB Datasheet HTML 24Page - Advanced Micro Devices AM29F002T-55JIB Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Am29F002/Am29F002N
21
PR ELIMIN A R Y
DC CHARACTERISTICS
TTL/NMOS Compatible
Notes:
1. RESET# is not available on Am29F002N.
2. The ICC current listed is typically less than 2 mA/MHz, with OE# at VIH.
3. ICC active while Embedded Erase or Embedded Program is in progress.
4. Not 100% tested.
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
ILI
Input Load Current
VIN = VSS to VCC, VCC = VCC max
±1.0
µA
ILIT
A9, OE#, RESET# Input Load Current
(Notes 1, 4)
VCC = VCC max;
A9, OE#, RESET# = 12.5 V
50
µA
ILO
Output Leakage Current
VOUT = VSS to VCC, VCC = VCC max
±1.0
µA
ICC1
VCC Active Read Current (Note 2)
CE# = VIL, OE# = VIH
20
30
mA
ICC2
VCC Active Write Current (Notes 3, 4)
CE# = VIL, OE# = VIH
30
40
mA
ICC3
VCC Standby Current
VCC = VCC max, CE#, OE# = VIH
0.4
1
mA
ICC4
VCC Reset Current (Note 1)
VCC = VCC max; RESET# = VIL
0.4
1
mA
VIL
Input Low Voltage
–0.5
0.8
V
VIH
Input High Voltage
2.0
VCC
+ 0.5
V
VID
Voltage for Autoselect and Temporary
Sector Unprotect
VCC = 5.0 V
11.5
12.5
V
VOL
Output Low Voltage
IOL = 12 mA, VCC = VCC min
0.45
V
VOH
Output High Voltage
IOH = –2.5 mA, VCC = VCC min
2.4
V
VLKO
Low VCC Lock-Out Voltage
3.2
4.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com