Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29F002T-55JIB Arkusz danych(PDF) 14 Page - Advanced Micro Devices

Numer części AM29F002T-55JIB
Szczegółowy opis  2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F002T-55JIB Arkusz danych(HTML) 14 Page - Advanced Micro Devices

Back Button AM29F002T-55JIB Datasheet HTML 10Page - Advanced Micro Devices AM29F002T-55JIB Datasheet HTML 11Page - Advanced Micro Devices AM29F002T-55JIB Datasheet HTML 12Page - Advanced Micro Devices AM29F002T-55JIB Datasheet HTML 13Page - Advanced Micro Devices AM29F002T-55JIB Datasheet HTML 14Page - Advanced Micro Devices AM29F002T-55JIB Datasheet HTML 15Page - Advanced Micro Devices AM29F002T-55JIB Datasheet HTML 16Page - Advanced Micro Devices AM29F002T-55JIB Datasheet HTML 17Page - Advanced Micro Devices AM29F002T-55JIB Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
14
Am29F002/Am29F002N
PREL I M I N AR Y
Erase Suspend/Erase Resume Commands
The Erase Suspend command allows the system to in-
terrupt a sector erase operation and then read data
from, or program data to, any sector not selected for
erasure. This command is valid only during the sector
erase operation, including the 50
µs time-out period
during the sector erase command sequence. The
Erase Suspend command is ignored if written during
the chip erase operation or Embedded Program algo-
rithm. Writing the Erase Suspend command during the
Sector Erase time-out immediately terminates the
time-out period and suspends the erase operation. Ad-
dresses are “don’t-cares” when writing the Erase Sus-
pend command.
When the Erase Suspend command is written during a
sector erase operation, the device requires a maximum
of 20
µs to suspend the erase operation. However,
when the Erase Suspend command is written during
the sector erase time-out, the device immediately ter-
minates the time-out period and suspends the erase
operation.
After the erase operation has been suspended, the
system can read array data from or program data to
any sector not selected for erasure. (The device “erase
suspends” all sectors selected for erasure.) Normal
read and write timings and command definitions apply.
Reading at any address within erase-suspended sec-
tors produces status data on DQ7–DQ0. The system
can use DQ7, or DQ6 and DQ2 together, to determine
if a sector is actively erasing or is erase-suspended.
See “Write Operation Status” for information on these
status bits.
After an erase-suspended program operation is com-
plete, the system can once again read array data within
non-suspended sectors. The system can determine
the status of the program operation using the DQ7 or
DQ6 status bits, just as in the standard program oper-
ation. See “Write Operation Status” for more informa-
tion.
The system may also write the autoselect command
sequence when the device is in the Erase Suspend
mode. The device allows reading autoselect codes
even at addresses within erasing sectors, since the
codes are not stored in the memory array. When the
device exits the autoselect mode, the device reverts to
the Erase Suspend mode, and is ready for another
valid operation. See “Autoselect Command Sequence”
for more information.
The system must write the Erase Resume command
(address bits are “don’t care”) to exit the erase suspend
mode and continue the sector erase operation. Further
writes of the Resume command are ignored. Another
Erase Suspend command can be written after the de-
vice has resumed erasing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com