Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29F002T-55JEB Arkusz danych(PDF) 34 Page - Advanced Micro Devices

Numer części AM29F002T-55JEB
Szczegółowy opis  2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F002T-55JEB Arkusz danych(HTML) 34 Page - Advanced Micro Devices

Back Button AM29F002T-55JEB Datasheet HTML 29Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 30Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 31Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 32Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 33Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 34Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 35Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 36Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 37Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
Am29F002/Am29F002N
34
PR ELIMIN A R Y
PLCC AND PDIP PIN CAPACITANCE
Notes:
1. Sampled, not 100% tested.
2. Test conditions TA = 25°C, f = 1.0 MHz.
DATA RETENTION
Parameter
Symbol
Parameter Description
Test Conditions
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0
4
6
pF
COUT
Output Capacitance
VOUT = 0
8
12
pF
CIN2
Control Pin Capacitance
VPP = 0
8
12
pF
Parameter
Test Conditions
Min
Unit
Minimum Pattern Data Retention Time
150
°C
10
Years
125
°C
20
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com