Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29F002T-55JEB Arkusz danych(PDF) 13 Page - Advanced Micro Devices

Numer części AM29F002T-55JEB
Szczegółowy opis  2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F002T-55JEB Arkusz danych(HTML) 13 Page - Advanced Micro Devices

Back Button AM29F002T-55JEB Datasheet HTML 9Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 10Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 11Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 12Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 13Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 14Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 15Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 16Page - Advanced Micro Devices AM29F002T-55JEB Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Am29F002/Am29F002N
13
PR ELIMIN A R Y
commands can be assumed to be less than 50
µs, the
system need not monitor DQ3. Any command other
than Sector Erase or Erase Suspend during the
time-out period resets the device to reading array
data. The system must rewrite the command sequence
and any additional sector addresses and commands.
The system can monitor DQ3 to determine if the sector
erase timer has timed out. (See the “DQ3: Sector Erase
Timer” section.) The time-out begins from the rising
edge of the final WE# pulse in the command sequence.
Once the sector erase operation has begun, only the
Erase Suspend command is valid. All other commands
are ignored. On the Am29F002 only, note that a hard-
ware reset during the sector erase operation immedi-
ately terminates the operation. The Sector Erase
command sequence should be reinitiated once the de-
vice has returned to reading array data, to ensure data
integrity.
When the Embedded Erase algorithm is complete, the
device returns to reading array data and addresses are
no longer latched. The system can determine the sta-
tus of the erase operation by using DQ7, DQ6, or DQ2.
Refer to “Write Operation Status” for information on
these status bits.
Figure 3 illustrates the algorithm for the erase opera-
tion. Refer to the Erase/Program Operations tables in
the “AC Characteristics” section for parameters, and to
the Sector Erase Operations Timing diagram for timing
waveforms.
Notes:
1. See the appropriate Command Definitions table for erase
command sequence.
2. See “DQ3: Sector Erase Timer” for more information.
Figure 3.
Erase Operation
START
Write Erase
Command Sequence
Data Poll
from System
Data = FFh?
No
Yes
Erasure Completed
Embedded
Erase
algorithm
in progress
20818C-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com