Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD238S Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części BD238S
Szczegółowy opis  Medium Power Linear and Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BD238S Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  BD238S Datasheet HTML 1Page - Fairchild Semiconductor BD238S Datasheet HTML 2Page - Fairchild Semiconductor BD238S Datasheet HTML 3Page - Fairchild Semiconductor BD238S Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 3. Safe Operating Area
Figure 4. Power Derating
-0.01
-0.1
-1
-10
-1
-10
-100
-1000
VCE = -2V
IC[A], COLLECTOR CURRENT
-0.1
-1
-10
-0.01
-0.1
-1
-10
VCE(sat)
VBE(sat)
IC = 10 IB
IC[A], COLLECTOR CURRENT
-1
-10
-100
-0.1
-1
-10
IC MAX. (Continuous)
10
µs
DC
IC MAX. (Pulsed)
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
5
10
15
20
25
30
35
40
TC[
o
C], CASE TEMPERATURE



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com