Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS3665 Arkusz danych(PDF) 68 Page - ams AG

Numer części AS3665
Szczegółowy opis  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMSCO [ams AG]
Strona internetowa  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Arkusz danych(HTML) 68 Page - ams AG

Back Button AS3665 Datasheet HTML 64Page - ams AG AS3665 Datasheet HTML 65Page - ams AG AS3665 Datasheet HTML 66Page - ams AG AS3665 Datasheet HTML 67Page - ams AG AS3665 Datasheet HTML 68Page - ams AG AS3665 Datasheet HTML 69Page - ams AG AS3665 Datasheet HTML 70Page - ams AG AS3665 Datasheet HTML 71Page - ams AG AS3665 Datasheet HTML 72Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
67 - 77
AS3665
Datasheet, Confidential - Sequ encer Command s Table S eque ncer Commands
sub variable
1
001
target
variable
1
1
0
0
0
1
variable 1 variable 2
62
Get ADC
1
0
0
0
1
0
1
0
0
0
1
0
target variable
63
Load SRAM
1
0
0
0
1
1
1
R/W
SRAM Address
source/target variable
63
or
1
000101
input
variable
0
0
1
target variable
64
and
1
000110
input
variable
0
0
1
target variable
64
shift left
1
000101
input
variable
0
0
0
target variable
65
shift right
1
000110
input
variable
0
0
0
target variable
65
Table 106. Sequencer Commands Table
Command
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78