Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AFPX-PLS Arkusz danych(PDF) 15 Page - Panasonic Semiconductor

Numer części AFPX-PLS
Szczegółowy opis  4-axis pulse output in a compact body
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AFPX-PLS Arkusz danych(HTML) 15 Page - Panasonic Semiconductor

Back Button AFPX-PLS Datasheet HTML 11Page - Panasonic Semiconductor AFPX-PLS Datasheet HTML 12Page - Panasonic Semiconductor AFPX-PLS Datasheet HTML 13Page - Panasonic Semiconductor AFPX-PLS Datasheet HTML 14Page - Panasonic Semiconductor AFPX-PLS Datasheet HTML 15Page - Panasonic Semiconductor AFPX-PLS Datasheet HTML 16Page - Panasonic Semiconductor AFPX-PLS Datasheet HTML 17Page - Panasonic Semiconductor AFPX-PLS Datasheet HTML 18Page - Panasonic Semiconductor AFPX-PLS Datasheet HTML 19Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Part Number List
FP-X Control Unit
Product name
Part number
Specifications
Power supply
14
15
Programming
Note: Product names and company names in this chart are trademarks or registered trademarks of the respective companies.
FP-X C14R
Control unit
FP-X C30R
Control unit
FP-X C60R
Control unit
FP-X C14TD
Control unit
FP-X C14T
Control unit
FP-X C14PD
Control unit
FP-X C14P
Control unit
FP-X C30TD
Control unit
FP-X C30T
Control unit
FP-X C30PD
Control unit
FP-X C30P
Control unit
FP-X C60TD
Control unit
FP-X C60T
Control unit
FP-X C60PD
Control unit
FP-X C60P
Control unit
8-point input of 24 V DC, 6-point output of 2 A relay
Program capacity 16 ksteps, 2-point potentiometer
16-point input of 24 V DC, 14-point output of 2 A relay
Program capacity 32 ksteps, 2-point potentiometer, USB port
32-point input of 24 V DC, 28-point output of 2 A relay
Program capacity 32 ksteps, 4-point potentiometer, USB port
8-point of 24 V DC, 6-point output of 0.5 A transistor (NPN)
Program capacity 16 ksteps, 2-point potentiometer
8-point of 24 V DC, 6-point output of 0.5 A transistor (NPN)
Program capacity 16 ksteps, 2-point potentiometer
8-point of 24 V DC, 6-point output of 0.5 A transistor (PNP)
Program capacity 16 ksteps, 2-point potentiometer
8-point of 24 V DC, 6-point output of 0.5 A transistor (PNP)
Program capacity 16 ksteps, 2-point potentiometer
16-point of 24 V DC, 14-point output of 0.5 A transistor (NPN)
Program capacity 32 ksteps, 2-point potentiometer, USB port
16-point of 24 V DC, 14-point output of 0.5 A transistor (NPN)
Program capacity 32 ksteps, 4-point potentiometer, USB port
16-point of 24 V DC, 14-point output of 0.5 A transistor (PNP)
Program capacity 32 ksteps, 2-point potentiometer, USB port
16-point of 24 V DC, 14-point output of 0.5 A transistor (PNP)
Program capacity 32 ksteps, 2-point potentiometer, USB port
32-point of 24 V DC, 28-point output of 0.5 A transistor (NPN)
Program capacity 32 ksteps, 4-point potentiometer, USB port
32-point of 24 V DC, 28-point output of 0.5 A transistor (NPN)
Program capacity 32 ksteps, 4-point potentiometer, USB port
32-point of 24 V DC, 28-point output of 0.5 A transistor (PNP)
Program capacity 32 ksteps, 4-point potentiometer, USB port
32-point of 24 V DC, 28-point output of 0.5 A transistor (PNP)
Program capacity 32 ksteps, 4-point potentiometer, USB port
AFPX-C14R
AFPX-C30R
AFPX-C60R
AFPX-C14TD
AFPX-C14T
AFPX-C14PD
AFPX-C14P
AFPX-C30TD
AFPX-C30T
AFPX-C30PD
AFPX-C30P
AFPX-C60TD
AFPX-C60T
AFPX-C60PD
AFPX-C60P
100 to 240V AC
100 to 240V AC
100 to 240V AC
24V DC
100 to 240V AC
24V DC
100 to 240V AC
24V DC
100 to 240V AC
24V DC
100 to 240V AC
24V DC
100 to 240V AC
24V DC
100 to 240V AC
FP-X Add-on Cassette
FP-X COM1 Communication cassette
FP-X COM2 Communication cassette
FP-X COM3 Communication cassette
FP-X COM4 Communication cassette
FP-X COM5 Communication cassette
FP-X Input cassette
FP-X Output cassette
FP-X Analog input cassette
FP-X Pulse I/O cassette
(for relay output type control unit only)
FP-X Master memory
with a real-time clock
RS232C 1 ch. RS, CS control signal equipped (non-insulated)
RS232C 2 ch. (non-insulated)
RS485/422 selectable 1ch (insulated)
RS485 1 ch. (insulated) + RS232C 1 ch. (non-insulated)
Ethernet 1 ch.(10BASE-T, 100BASE-TX) + RS232C 1 ch. (non-insulated)
8 point input of 24 V DC
8 point output of NPN 0.3 A
6 point output of PNP 0.5 A
2 point 12-bit non-insulated 0 to 10 V DC/0 to 20 mA
High-speed counter: single-phase 2 ch., each 80 kHz or two-phase 1 ch., 30 kHz.
Pulse output: one axis 100 kHz/ch. (Use restriction is applied for a two-unit installation)
Master memory: Capable of storing all program steps and comments simultaneously. Storage of FPWIN Pro source files.
Real-time clock: Year, month, day, hour, minute, second, day of week (optional battery required)
AFPX-COM1
AFPX-COM2
AFPX-COM3
AFPX-COM4
AFPX-COM5
AFPX-IN8
AFPX-TR8
AFPX-TR6P
AFPX-AD2
AFPX-PLS
AFPX-MRTC
Product name
Part number
Specifications
FP-X Options and Service Parts
100 to 240V AC
Compliant with international standard IEC61131-3
Programming software approved by PLC Open
I Features
1. Five programming languages can
be used.
Programming can be done using the
language most familiar to the developer
or using the language most suited to the
process to be performed. High-level
(structured text) languages that allow
structuring, such as C, are supported.
2. Easy to reuse well-proven
programs
Efficiency when writing programs has
been greatly increased by being able to
split programming up for each function
and process using structured
programming.
3. Keep know-how from getting out
By “black boxing” a part of a program, you
can prevent know-how from leaking out
and improve the program’s maintainability.
4. Conversion function for previously
written programs provided to allow
use of program assets.
5. Uploading of source programs
from PLC possible.
Maintainability increased by being able to
load programs and comments from the
PLC.
* This only applies to FP-X, FP
Σ and FP2
(with comment memory) and to FP2SH
and FP10SH (with card board).
6. Programming for all models in the
FP series possible.
Any model can be used.
GMultiple passwords for protection of each block
The security level (8 levels) can be input for each block in a program. Only users
of a set security level or higher can make changes.
Block 1
Control FPWIN Pro (IEC61131-3 compliant Windows version software)
GProgramming in the language most suited to the process
Easy-to-understand, efficient programs can be created, for example, by
using a ladder program for machine control or ST for communications
control.
GProgramming in the language you are good at
Programming time can be greatly reduced by the easy ability to split and
then integrate programming for each function and process.
I Programming in the most suitable language
Main program
(SFC)
Communications
program
(ST)
Malfunction handling
program
(ladder)
Positioning program
(ST)
Completed
program
Completed
program
Designer A
(SFC)
Designer B
(ST)
Designer C
(ST)
Designer D
(ladder)
I “Black boxing” of programs
Person A (designer)
Person B (floor leader)
Person C (operator)
All blocks
Only block 1
Block 1
Block 2
Block 2
Block 4
Block 2
Programming security level
Block 1 Low
Block 2
Block 3
Block 4 High
GRegister time-proven programs by block in the library.
GBy using variable identifiers (names), there is no need to be
concerned with addresses for each machine when reusing
programs.
Position
Operation
Function
Modem
Connection
Function
Initialliton
Setting
Process
I Reuse of programs is easy.
Parts library
New program
Positioning program
Communications program
Malfunction handling
program
Malfunction handling
program
Communications program
Positioning program
Main program
I Operational Environment
OS
Hard disk capacity
CPU
Onboard memory
Screen resolution
Display colors
Applicable PLC
Compatible FP-X
version
Windows95 (OSR2 or higher)/98/Me/NT (Ver. 4.0 or later)/2000/XP
At least 100 MB
Pentium 100 MHz or higher
At least 64 MB (depends on OS)
At least 1024
× 768
High Color (16-bit) or higher
FP-X/FP-e/FP0/FP
Σ/FP1/FP-M/FP2/FP2SH/FP3/FP10SH
Relay output type: Ver.5.1 and after
Transistor output type: Ver.5.3 and after (Available soon)
FP-X Backup battery
FP-X Expansion cable (8 cm)
FP-X Expansion cable (30 cm)
FP-X Expansion cable (80 cm)
FP-X Terminal block
Battery for backing up the operation memory and real-time clock
Expansion unit connection cable, 8 cm
Expansion unit connection cable, 30 cm
Expansion unit connection cable, 80 cm
Terminal block for C30, C60 and E30, 21 pins, cover with no marking, five units included
AFPX-BATT
AFPX-EC08
AFPX-EC30
AFPX-EC80
AFPX-TAN1
Product name
Part number
Specifications
FP-X Expansion Unit
Power supply
24V DC
100 to 240V AC
24V DC
100 to 240V AC
24V DC
Expansion FP0 Adapter
FP-X E16R Expansion I/O unit
FP-X E30R Expansion I/O unit
FP-X E16T Expansion I/O unit
FP-X E16P Expansion I/O unit
FP-X E30TD Expansion I/O unit
FP-X E30T Expansion I/O unit
FP-X E30PD Expansion I/O unit
FP-X E30P Expansion I/O unit
Product name
Part number
Specifications
With an 8cm extension cable and power cable
Up to 3 FP0 expansion units can be connected via an adapter.
8-point input of 24 V DC, 8-point relay output of 2 A
Remarks; Two or more E16R can't be connected serially because it can't supply the power to other units. With an 8cm extension cable
16-point input of 24 V DC, 14-point relay output of 2 A
Remarks; Possible to connect up to 8 units including E16R, EFP0. With an 8cm extension cable
8-point input of 24 V DC, 8-point transistor (NPN) output of 0.5 A
Remarks; Two or more E16T cannot be connected serially because it cannot supply the power to other units. With an 8cm extension cable
8-point input of 24 V DC, 8-point transistor (PNP) output of 0.5 A
Remarks; Two or more E16T cannot be connected serially because it cannot supply the power to other units. With an 8cm extension cable
16-point input of 24 V DC, 14-point transistor (NPN) output of 0.5 A
Remarks; Possible to connect up to 8 units including E16, EFP0. With an 8cm extension cable
16-point input of 24 V DC, 14-point transistor (NPN) output of 0.5 A
Remarks; Possible to connect up to 8 units including E16, EFP0. With an 8cm extension cable
16-point input of 24 V DC, 14-point transistor (PNP) output of 0.5 A
Remarks; Possible to connect up to 8 units including E16, EFP0. With an 8cm extension cable
16-point input of 24 V DC, 14-point transistor (PNP) output of 0.5 A
Remarks; Possible to connect up to 8 units including E16, EFP0. With an 8cm extension cable
AFPX-E16R
AFPX-E30R
AFPX-E16T
AFPX-E16P
AFPX-E30TD
AFPX-E30T
AFPX-E30PD
AFPX-E30P
AFPX-EFP0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com