Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AFPX-PLS Arkusz danych(PDF) 16 Page - Panasonic Semiconductor

Numer części AFPX-PLS
Szczegółowy opis  4-axis pulse output in a compact body
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AFPX-PLS Arkusz danych(HTML) 16 Page - Panasonic Semiconductor

Back Button AFPX-PLS Datasheet HTML 12Page - Panasonic Semiconductor AFPX-PLS Datasheet HTML 13Page - Panasonic Semiconductor AFPX-PLS Datasheet HTML 14Page - Panasonic Semiconductor AFPX-PLS Datasheet HTML 15Page - Panasonic Semiconductor AFPX-PLS Datasheet HTML 16Page - Panasonic Semiconductor AFPX-PLS Datasheet HTML 17Page - Panasonic Semiconductor AFPX-PLS Datasheet HTML 18Page - Panasonic Semiconductor AFPX-PLS Datasheet HTML 19Page - Panasonic Semiconductor AFPX-PLS Datasheet HTML 20Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
17
Part Number List
Related Products List
Control FPWIN Pro (IEC61131-3 compliant Windows version software)
Programmable Display GT series
Control FPWIN GR for Windows
*The discontinuation of AFW1031 production is scheduled for August 2007.
*The production of FP1, FP-M, FP3/FP10SH has been discontinued.
*The production of FP1, FP-M, FP3/FP10SH has been discontinued.
FP0 Intelligent Units
FP0 Link Units
FP0 Expansion Units
Product name
FP0 E8 Expansion Unit
FP0 E16 Expansion Unit
FP0 E32 Expansion Unit
Number of I/O points
Power supply
voltage
Input
Output
Connection type
Part number
Product number
Specifications
AFP03003
AFP03023
AFP03013
AFP03020
AFP03040
AFP03303
AFP03323
AFP03313
AFP03343
AFP03340
AFP03543
FP0-E8X
FP0-E8RS
FP0-E8RM
FP0-E8YRS
FP0-E8YT
FP0-E16X
FP0-E16RS
FP0-E16RM
FP0-E16T
FP0-E16YT
FP0-E32T
8
8
8
8
16
16
16
16
32
Input: 8
Input: 4
Output: 4
Output: 8
Output: 8
Input: 16
Input: 8
Output: 8
Input: 8
Output: 8
Output: 16
Input: 16
Output: 16
−
24 V DC
24 V DC
−
−
24 V DC
−
−
−
24 V DC Sink/Source (
±common)
24 V DC Sink/Source (
±common)
−
−
24 V DC Sink/Source (
±common)
24 V DC Sink/Source (
±common)
24 V DC Sink/Source (
±common)
−
24 V DC Sink/Source (
±common)
−
Relay output: 2 A
Relay output: 2 A
Transistor output:
NPN 0.1 A
−
Relay output: 2 A
Transistor output:
NPN 0.1 A
Transistor output:
NPN 0.1 A
Transistor output:
NPN 0.1 A
MIL connector
Terminal block
Molex connecter
Terminal block
MIL connector
MIL connector
Terminal block
Molex connecter
MIL connector
MIL connector
MIL connector
Notes: 1) The relay output type expansion units come with a power cable (part number AFP0581). (The transistor output type needs no power cable.)
2) The terminal block type relay output units have 2 terminal blocks (9 pins) made by Phoenix. Use a 2.5 mm wide screwdriver.
Preferably use the specific terminal block screwdriver (part number AFP0806, Phoenix type code SZS 0. 4
× 2.5 mm) or equivalent.
3) The connector-type relay output units have 2 connectors made by Nihon Molex (Molex type code 51067-0900, 9 pins).
Use the specific Molex connector press-fit tool (part number AFP0805, Nihon Molex type code 57189-5000) or equivalent.
4) The transistor output units have a press-fit socket for wire-pressed terminal cable and contacts. Use the press-fit tool (part number AXY52000) for wire-pressed terminal cable.
Product name
Specifications
Part number
Product number
AFP0420
AFP0421
AFP0480
AFP0401
AFP04121
AFP04123
FP0-TC4
FP0-TC8
FP0-A21
FP0-A80
FP0-A04V
FP0-A04I
FP0 Thermocouple unit
FP0 Analog I/O unit
FP0 A/D Converter Unit
FP0 D/A Converter Unit
K, J, T, R thermocouple, Resolution: 0.1
°C
K, J, T, R thermocouple, Resolution: 0.1
°C
<Input specifications>
Number of channels:
2 channels
Input range:
0 to 5 V, –10 to +10 V (Resolution: 1/4000)
0 to 20 mA (Resolution: 1/4000)
<Output specifications>
Number of channels:
1 channel
Output range:
–10 to +10 V (Resolution: 1/4000)
0 to 20 mA (Resolution: 1/4000)
<Input specifications>
Number of channels:
8 channels
Input range:
0 to 5, –10 to +10 V, –100 to 100 mV (Resolution: 1/4000)
0 to 20 mA (Resolution: 1/4000)
<Output specifications>
Number of channels:
4 channels
Output range:
–10 to +10 V (Resolution: 1/4000)
4 to 20 mA (Resolution: 1/4000)
Power supply
voltage
Product name
Specifications
Part number
Product number
FP0 CC-Link Slave unit
FP0 I/O Link unit
AFP07943
AFP0732
FP0-CCLS
FP0-IOL
24 V DC
24 V DC
This unit is for making the FP0 function as a slave station of the CC-Link.
Only one unit can be connected to the furthest right edge of the FP0 expansion bus.
Note: Accuracy will change if an FP0 thermocouple unit is used at the same time. For details, please refer to the FP0 catalog
or to the CC-Link Unit manual.
This is a link unit designed to make the FP0 function as a station to MEWNET-F (remote I/O system).
Related Products
FP
Σ
FP0
.
FP-e
FP3*
.
FP10SH
FP0
10k
FP1*
FP2
FP2SH FP-M*
FP-X
AA
A
A
A
AA
A
A
AA
A
A
A
AA
A
A
A
A
A
A
A
N/A
N/A
N/A
A
FPWIN GR
for Windows
Product name
Type
Part number
English: Full type
English: Small type
English: Ver. up type
Chinese
Chinese: Ver. up type
Korean
CD-ROM for Windows
CD-ROM for Windows
CD-ROM for Windows
CD-ROM for Windows
CD-ROM for Windows
CD-ROM for Windows
AFPS10520
AFPS11520
AFPS10520R
AFPS10820
AFPS10820R
AFPS10920
Applicable PLC
A: Available, N/A: Not available
A
A
A
A
A
A
A
A
A
A
A
N/A
A
A
A
N/A
A
N/A
FP
Σ
FP0
.
FP-e
FP3*
.
FP10SH
FP0
10k
FP1*
FP2
FP2SH FP-M*
FP-X
FPWIN Pro
for Windows
Product name
Type
Part number
English: Full type
English: Small type
AFPS50550
AFPS51550
CD-ROM for Windows
CD-ROM for Windows
Applicable PLC
A: Available, N/A: Not available
GT01: Main Unit
STN monochrome LCD
STN monochrome LCD
STN color LCD
GT11: Main Unit
GT21C: Main Unit
Product name
Description
Part number
5 V DC
24 V DC
24 V DC
24 V DC
RS232C type
RS422/RS485 type
RS232C type
RS422/RS485 type
RS232C type
RS422/RS485 type
RS232C type
RS422/RS485 type
Black
Ash gry
Black
Ash gry
Black
Ash gry
Black
Ash gry
Black
Ash gry
Black
Ash gry
Black
Silver
Black
Silver
AIGT0030B1
AIGT0030H1
AIGT0032B1
AIGT0032H1
AIGT0030B
AIGT0030H
AIGT0032B
AIGT0032H
AIGT2030B
AIGT2030H
AIGT2032B
AIGT2032H
AIGT2230B
AIGT2230H
AIGT2232B
AIGT2232H
Product name
Part number
Control CommX Ver. 1.3 (OCX for Communication)
Control CommX IBM printer port
Control CommX USB port
Product name
FP Web-Server Unit
FP Web-Server unit
FP Web Configurator Tool
AFW20011
AFW20031
Product name
Part number
Key Unit
Economical type is available for secondary key.
The key unit is available for PCWAY and Control CommX.
Key unit IBM printer port version
Key unit USB port version
AFW1031*
AFW1033
Product name
Part number
FP Memory Loader
Data non-hold type
Data hold type
AFP8670
AFP8671
Part number
AFP0610
AFPS30510
PCWAY Ver. 2.7 (Operation Data Managing Software)
Product name
Part number
PCWAY IBM printer port version
PCWAY USB port version
PCWAY Version upgrade
AFW10011
AFW10031
AFW10401
* Charged version upgrade for Ver. 2.0 to 2.6.
Specifications
1. General Specifications
2. Power Consumption, Weight
Rated voltage
Operating voltage range
Rush current
Allowed momentary power off time
Ambient temperature
Storage temperature
Ambient humidity
Storage humidity
Breakdown voltage
Insulation resistance
Vibration resistance
Shock resistance
Noise immunity
Operating condition
EC Directive Compliance Standard
Level of contamination
Over-voltage category
Item
Product name
Part number
AFPX-C14
❍❍
AFPX-C30
❍❍
AFPX-C60
❍❍
AFPX-E16
❍❍
AFPX-E30
❍❍
AFPX-EFP0
AFPX-COM1
AFPX-COM2
AFPX-COM3
AFPX-COM4
AFPX-COM5
AFPX-AD2
AFPX-IN8
AFPX-TR8
AFPX-TR6P
AFPX-PLS
AFPX-MRTC
26 W or less *2
52 W or less *2
64 W or less *2
8 W or less *2
42 W or less *2
0.24 W or less *3
2 W or less *2
2 W or less *2
2 W or less *2
2 W or less *2
2 W or less *2
2 W or less *2
1 W or less *2
1 W or less *2
1 W or less *2
2 W or less *2
2 W or less *2
Approx. 280 g or less
Approx. 490 g or less
Approx. 780 g or less
Approx. 195 g or less
Approx. 430 g or less
Approx. 65 g
Approx. 20 g
Approx. 20 g
Approx. 20 g
Approx. 20 g
Approx. 20 g
Approx. 25 g
Approx. 25 g
Approx. 25 g
Approx. 25 g
Approx. 25 g
Approx. 20 g
Current consumption
Weight
Description
100 to 240 V AC (AC power), 24 V DC (DC power)
85 to 264 V AC (AC power), 20.4 to 28.8 V DC (DC power)
40 A or less (C14), 45 A or less (C30, C60) at 25
°C (AC power)
12 A or less at 25
°C (DC power)
10 ms or more
0 to +55
°C
-40 to +70
°C
10 to 95% RH (at 25
°C, non-condensing)
10 to 95% RH (at 25
°C, non-condensing)
Combined input/output terminals - Combined power and ground terminals,
2300 V AC 1 minute (AC power), 500 V AC*1 1 minute (DC power)
Input terminals - Relay output terminals, 2300 V AC*1 1 minute
Input terminals - Transistor output terminals, 500 V AC*1 1 minute
Power terminals - Ground terminals, 1500 V AC*1 1 minute (AC power), 500 V AC*1 1 minute (DC power)
Combined input/output terminals - Combined power and ground terminals, 100 M
Ω or higher (500 V DC using an insulation resistance meter)
Input terminals - Output terminals, 100 M
Ω or higher (500 V DC using an insulation resistance meter)
Power terminals - Ground terminals, 100 M
Ω or higher (500 V DC using an insulation resistance meter)
5 to 9 Hz, single amplitude 3.5 mm/9 to 150 Hz, constant acceleration 9.8 m/s2, 1 sweep/min, 10 sweeps in each XYZ direction
147 m/s2
1500 V [P-P] pulse width 50 ns, 1
µs (AC power), 500 V [P-P] pulse width 50 ns, 1 µs (DC power) (per noise simulator method) (power terminals)
No corrosive gas and no excessive dust
Conforming to EN61131-2
2
II
Control unit
Expansion I/O unit
Expansion FP0 adapter
FP-X communication cassette
FP-X analog input cassette
FP-X input cassette
FP-X output cassette
FP-X pulse I/O cassette
FP-X master memory cassette
*2 Power consumption by the AC power supply connected to the control unit
*3 Power consumption by the DC power supply connected to the expansion FP0 adapter
*4 Please refer to FP0 users manual for FP0 expansion units.
Please refer to the user manual and specifications for further details.
*1 Cutoff current 5 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com