Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS4392 Arkusz danych(PDF) 19 Page - Cirrus Logic

Numer części CS4392
Szczegółowy opis  24-Bit, 192 kHz Stereo DAC with Volume Control?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4392 Arkusz danych(HTML) 19 Page - Cirrus Logic

Back Button CS4392 Datasheet HTML 15Page - Cirrus Logic CS4392 Datasheet HTML 16Page - Cirrus Logic CS4392 Datasheet HTML 17Page - Cirrus Logic CS4392 Datasheet HTML 18Page - Cirrus Logic CS4392 Datasheet HTML 19Page - Cirrus Logic CS4392 Datasheet HTML 20Page - Cirrus Logic CS4392 Datasheet HTML 21Page - Cirrus Logic CS4392 Datasheet HTML 22Page - Cirrus Logic CS4392 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
CS4392
DS459PP2
19
DSD Mode - The relationship between the oversampling ratio of the DSD audio data and the required
Master clock to DSD data rate is defined by the Digital interface Format pins. Note that the Functional
Mode registers must be set to DSD Mode. See 9 for register options.
6.1.3
De-Emphasis Control (Bits 3:2)
Function:
Implementation of the standard 15
µs/50 µs digital de-emphasis filter response, Figure 7, requires re-
configuration of the digital filter to maintain the proper filter response for 32, 44.1 or 48 kHz sample
rates. NOTE: De-emphasis is available only in Single-Speed Mode. See 10 below.
6.1.4
Functional Mode (Bits 1:0)
Function:
Selects the required range of input sample rates or DSD Mode. See Table 11.
DIF2
DIF1
DIFO
DESCRIPTION
0
0
0
64x oversampled DSD data with a 4x MCLK to DSD data rate (default)
0
0
1
64x oversampled DSD data with a 6x MCLK to DSD data rate
0
1
0
64x oversampled DSD data with a 8x MCLK to DSD data rate
0
1
1
64x oversampled DSD data with a 12x MCLK to DSD data rate
1
0
0
128x oversampled DSD data with a 2x MCLK to DSD data rate
1
0
1
128x oversampled DSD data with a 3x MCLK to DSD data rate
1
1
0
128x oversampled DSD data with a 4x MCLK to DSD data rate
1
1
1
128x oversampled DSD data with a 6x MCLK to DSD data rate
Table 9. Digital Interface Formats - DSD Mode
DEM1
DEMO
DESCRIPTION
0
0
Disabled (default)
0
1
44.1 kHz de-emphasis
1
0
48 kHz de-emphasis
1
1
32 kHz de-emphasis
Table 10. De-Emphasis Mode Selection
Gain
dB
-10dB
0dB
Frequency
T2 = 15 µs
T1=50 µs
F1
F2
3.183 kHz
10.61 kHz
Figure 10. De-Emphasis Curve
FM1
FM0
MODE
0
0
Single-Speed Mode: 4 to 50 kHz sample rates
(default)
0
1
Double-Speed Mode: 50 to 100 kHz sample rates
1
0
Quad-Speed Mode: 100 to 200 kHz sample rates
1
1
Direct Stream Digital Mode
Table 11. Functional Mode Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com