Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS4392 Arkusz danych(PDF) 25 Page - Cirrus Logic

Numer części CS4392
Szczegółowy opis  24-Bit, 192 kHz Stereo DAC with Volume Control?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4392 Arkusz danych(HTML) 25 Page - Cirrus Logic

Back Button CS4392 Datasheet HTML 21Page - Cirrus Logic CS4392 Datasheet HTML 22Page - Cirrus Logic CS4392 Datasheet HTML 23Page - Cirrus Logic CS4392 Datasheet HTML 24Page - Cirrus Logic CS4392 Datasheet HTML 25Page - Cirrus Logic CS4392 Datasheet HTML 26Page - Cirrus Logic CS4392 Datasheet HTML 27Page - Cirrus Logic CS4392 Datasheet HTML 28Page - Cirrus Logic CS4392 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
CS4392
DS459PP2
25
7. CHARACTERISTICS/SPECIFICATIONS
ANALOG CHARACTERISTICS (CS4392-KS/KZ) ((Test conditions (unless otherwise speci-
fied): Input test signal is a 997 Hz sine wave at 0 dBFS; measurement bandwidth is 10 Hz to 20 kHz; test load
RL =3kΩ,CL = 10 pF. Typical performance characteristics are derived from measurements taken at TA =25 °C,
VL = VA = 5.0V. Min/Max performance characteristics are guaranteed over the specified operating temperature
and voltages.)
Notes: 1. One-half LSB of Triangular PDF dither is added to data.
2. VFS is tested under load RL but does not include attenuation due to ZOUT
Parameter
VA = 5.0V
Symbol
Min
Typ
Max
Unit
Dynamic Performance for All Speed Modes and DSD
Dynamic Range (Note 1)
unweighted
A-Weighted
105
108
111
114
-
-
dB
dB
Total Harmonic Distortion + Noise (Note 1)
0dB
-20 dB
-60 dB
THD+N
-
-
-
-100
-91
-51
-94
-
-45
dB
dB
dB
Idle Channel Noise / Signal-to-Noise Ratio
-
114
-
dB
Interchannel Isolation
(1 kHz)
-
100
-
dB
DC Accuracy
Interchannel Gain Mismatch
ICGM
-
0.1
-
dB
Gain Drift
-
100
-
ppm/°C
Analog Output Characteristics and Specifications
Full Scale Differential Output Voltage
VFS
0.95xVA
0.99xVA
1.05xVA
Vpp
Output Resistance
(Note 2)
Zout
-
100
-
Minimum AC-Load Resistance
RL
-3
-
k
Maximum Load Capacitance
CL
-
100
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com