Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ECQE2104F Arkusz danych(PDF) 11 Page - Panasonic Semiconductor

Numer części ECQE2104F
Szczegółowy opis  Metallized Polyester Film Capacitor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE2104F Arkusz danych(HTML) 11 Page - Panasonic Semiconductor

Back Button ECQE2104F Datasheet HTML 7Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 8Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 9Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 10Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 11Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 12Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 13Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 14Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 15Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Rating
Voltage
Capacitance
Value(uF)
Code
dV/dt(V/us)
Current(o-p)
(A)
0.56
564
12.32
0.68
684
15.0
0.82
824
18.0
1.00
105
22.0
1.20
125
13.2
1.50
155
17.1
1.80
185
19.8
2.20
225
24.2
2.70
275
29.7
3.30
335
36.3
3.90
395
23.4
4.70
475
28.2
5.60
565
33.6
6.80
685
40.8
8.20
825
49.2
10.00
106
60.0
Pulse Handling Capability (dV/dt)
(Max 10000cycles)
Voltage Derating by Temperature
Permissible Current
Permissible Voltage
6
22
100VDC
11
0
20
40
60
80
100
120
-60 -40 -20
0
20
40
60
80 100 120
0.1
1
10
100
10
100
1000
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
10
100
1000
* Please consult Panasonic if your condition exceeds the above spec.
ECQE(F) Type 100VDC Series (Metallized Polyester Film)
Applicable Specifications
Frequency (kHz)
(at sinewave)
Frequency (kHz)
Surface Temperature of Capacitor(Degree C)
1.0uF
2.2uF
4.7uF
10uF
1.0uF
2.2uF
4.7uF
10uF
From 0.56uF to 10uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com