Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ECQE2104F Arkusz danych(PDF) 19 Page - Panasonic Semiconductor

Numer części ECQE2104F
Szczegółowy opis  Metallized Polyester Film Capacitor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE2104F Arkusz danych(HTML) 19 Page - Panasonic Semiconductor

Back Button ECQE2104F Datasheet HTML 11Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 12Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 13Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 14Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 15Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 16Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 17Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 18Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 19Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
Temperature Characteristics
Frequency Characteristics
0.01
0.1
1
10
100
1000
10000
1
10
100
1000
10000
100000
0
2
4
6
8
10
1
10
100
1000
10000
-10
-5
0
5
10
1
10
100
1000
10000
1.E+07
1.E+08
1.E+09
1.E+10
1.E+11
1.E+12
1.E+13
-60
-40
-20
0
20
40
60
80
100
0
2
4
6
8
10
-60
-40
-20
0
20
40
60
80
100
-10
-5
0
5
10
-60
-40
-20
0
20
40
60
80
100
ECQE(F) Type 250VAC Series (Metallized Polyester Film)
Erectrical Characteristics <Typical Data>
at 1kHz
Temperature (Degree C)
Temperature (Degree C)
at 1kHz
at DC100V
Temperature (Degree C)
Frequency (kHz)
Frequency (kHz)
Frequency (kHz)
0.47uF
0.1uF
0.047uF
0.47uF
0.1uF
0.047uF
0.47uF
0.1uF
0.01uF
0.47uF
0.1uF
0.047uF
0.047uF
0.1uF
0.47uF
0.047uF
0.1uF
0.47uF
0.01uF
0.01uF
0.047uF
0.01uF
0.01uF
0.01uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com