Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MHCC Arkusz danych(PDF) 21 Page - List of Unclassifed Manufacturers

Numer części MHCC
Szczegółowy opis  Molding Power Choke
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

MHCC Arkusz danych(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button MHCC Datasheet HTML 15Page - List of Unclassifed Manufacturers MHCC Datasheet HTML 16Page - List of Unclassifed Manufacturers MHCC Datasheet HTML 17Page - List of Unclassifed Manufacturers MHCC Datasheet HTML 18Page - List of Unclassifed Manufacturers MHCC Datasheet HTML 19Page - List of Unclassifed Manufacturers MHCC Datasheet HTML 20Page - List of Unclassifed Manufacturers MHCC Datasheet HTML 21Page - List of Unclassifed Manufacturers MHCC Datasheet HTML 22Page - List of Unclassifed Manufacturers MHCC Datasheet HTML 23Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Molding Power Choke – MHCC/MHCI Series
Electrical Characteristics
Inductance
Tolerance
Test
Frequency
Irms
Isat
RDC
Part Number
(uH)
(±%)
(KHz)
(A)Typ.
(A)Typ.
(mΩ)Max
MHCC12050-R47M-R7
0.47
20
100
37
46
1.2
MHCC12050-1R0M-R7
1.0
20
100
29
37
2.5
MHCC12050-4R7M-R7
4.7
20
100
11
16
11.5
MHCC12050-6R8M-R7
6.8
20
100
9
14
22
MHCC12050-100M-R7
10
20
100
7
13
35
Irms current (A) that will cause an approximate ΔT of 40℃
Isat current (A) that will cause L to drop approximately 30%
Tolerance:M= ±20%
L : WK 3260B, 100KHz 0.5V
Rdc : CHEN HWA 502
Operating temperature range from -55℃ to 125℃. (Including self - temperature rise)
Test Instruments:WK3260B Impedance / Material Analyzer
Inductance v.s DC Current
0
1
2
3
4
5
6
7
8
9
10
11
12
0
1020
304050
DC Current (A)
1R0
R47
100
4R7
6R8
Temperature Change v.s DC Current
0
10
20
30
40
50
60
70
80
90
100
110
120
0
5
10
15
20
25
30
35
40
45
50
55
DC Current (A)
1R0
R47
4R7
100
6R8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com