| Zakładka z wyszukiwarką danych komponentów |
|
MHCC Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MHCC Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 23 page ![]() Molding Power Choke – MHCC/MHCI Series MHCC、MHCI Series MHCC series is designed for low profile type with low RDC and ultra large current. Its molded magnetic shielded type is suitable for high-density mounting and ultra low buzz noise. Soldering conditions can be easily confirmed when mounting onto the board. This series also provides customers with embossed carrier type packaging for automatic mounting machine. Features Applications RoHS compliant Low profile type Shielded construction Ultra low buzz noise due to molding construction High density DC/DC converters POL converters High current VRM/VRD for notebook / Server / desktop CPUs High speed charger For thickness less than 1.2mm, suitable for low profile applications e.g., Ultra thin NB/Monitor/TV/Tablet Product Identification Shape and Dimensions Recommended Pattern Dimensions in mm TYPE A B Max C Max D F 04012 4.1±0.2 4.6±0.2 1.2 1.5±0.3 1.0±0.5 04015 4.1±0.2 4.6±0.2 1.5 1.5±0.3 1.0±0.5 04020 4.1±0.2 4.6±0.2 2.0 1.5±0.3 1.0±0.5 05012 5.4±0.35 5.7±0.2 1.2 2.0±0.3 1.5±0.3 05015 5.4±0.35 5.7±0.2 1.5 2.0±0.3 1.5±0.3 05018 5.4±0.35 5.7±0.2 1.8 2.0±0.3 1.5±0.3 05020 5.4±0.35 5.7±0.2 1.8±0.2 2.0±0.3 1.5±0.3 05030 5.4±0.35 5.7±0.2 3.0 2.0±0.3 1.5±0.3 06012 6.6±0.2 7.3 1.2 2.9 1.6±0.5 06015 6.6±0.2 7.3 1.3±0.2 2.9 1.6±0.5 06018 6.6±0.2 7.3 1.6±0.2 2.9 1.6±0.5 06024 6.6±0.2 7.3 2.4 2.9 1.6±0.5 06030 6.6±0.2 7.3 3.0 2.9 1.6±0.5 10030 10.1±0.3 11.6 3.0 3.0 2.5±0.5 10040 10.1±0.3 11.6 4.0 3.0 2.5±0.5 12035 12.6±0.2 13.8 3.5 3.7 2.7±0.7 12050 12.6±0.2 13.8 5.0 3.7 2.7±0.7 12060 12.6±0.2 13.8 6.0 3.7 2.7±0.7 Dimensions in mm TYPE A B C 04012 2.5 3.7 1.5 04015 2.5 3.7 1.5 04020 2.5 3.7 1.5 05012 2.5 4.1 1.9 05015 2.5 4.1 1.9 05018 2.5 4.1 1.9 05020 2.5 4.1 1.9 05030 2.5 4.1 1.9 06012 3.5 6.05 2.35 06015 3.5 6.05 2.35 06018 3.5 6.05 2.35 06024 3.5 6.05 2.35 06030 3.5 6.05 2.35 10030 4.0 9.5 3.5 10040 4.0 9.5 3.5 12035 5.0 10.5 4.0 12050 5.0 10.5 4.0 12060 5.0 10.5 4.0 |
Podobny numer części - MHCC |
|
Podobny opis - MHCC |