Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CLC730131 Arkusz danych(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części CLC730131
Szczegółowy opis  Quad TSSOP Op Amp Evaluation Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC730131 Arkusz danych(HTML) 1 Page - National Semiconductor (TI)

  CLC730131 Datasheet HTML 1Page - National Semiconductor (TI) CLC730131 Datasheet HTML 2Page - National Semiconductor (TI) CLC730131 Datasheet HTML 3Page - National Semiconductor (TI) CLC730131 Datasheet HTML 4Page - National Semiconductor (TI) CLC730131 Datasheet HTML 5Page - National Semiconductor (TI) CLC730131 Datasheet HTML 6Page - National Semiconductor (TI) CLC730131 Datasheet HTML 7Page - National Semiconductor (TI) CLC730131 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2002 National Semiconductor Corporation
www.national.com
Quad TSSOP Op Amp Evaluation
Board
Part Number CLC 730131
February 2002
Figure 1: Non-Inverting Op Amp Configuration
(Default Board Configuration)
PO W ER SUPPLY PINS COMMON TO ALL CHANNELS
+
-
R IN4
RF4
ROUT4
R G4
OUT4
U1-D
14
12
13
+
-
R IN1
RF1
ROUT1
R G1
OUT1
U1-A
1
3
2
+
-
R IN2
RF2
ROUT2
R G2
OUT2
U1-B
7
5
6
+
-
R IN3
RF3
ROUT3
R G3
OUT3
U1-C
8
10
9
+
+
U1-E
4
11
C1
0.1µF
C3
6.8µF
C2
0.1µF
C4
6.8µF
-5V
PO W ER SUPPLY CONNECTIONS
-5V
+5V
+5V
-5V
GND
BOARD MOUNTING HOLES
+5V
IN1
IN2
IN3
IN4


Podobny numer części - CLC730131

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CLC730136 TI2-CLC730136 Datasheet
1Mb / 40P
LMH6559 High-Speed, Closed-Loop Buffer
REVISED MARCH 2013
More results

Podobny opis - CLC730131

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA8449P TOSHIBA-TA8449P Datasheet
187Kb / 5P
QUAD POWER OP. AMP
logo
Holtek Semiconductor In...
HT9274 HOLTEK-HT9274 Datasheet
130Kb / 6P
Quad Micropower Op Amp
November 23, 1999
logo
Linear Technology
LT1013 LINER-LT1013 Datasheet
545Kb / 20P
Quad Precision Op Amp
logo
ON Semiconductor
OPAMP1EVB ONSEMI-OPAMP1EVB Datasheet
96Kb / 8P
Op Amp Evaluation Board Manual SOT23, SC70, and SOIC8 Package
July, 2005 ??Rev. 0
OPAMP3EVB ONSEMI-OPAMP3EVB Datasheet
129Kb / 12P
Op Amp Evaluation Board Manual TSSOP-16 Package
September, 2005 ??Rev. 0
logo
Analog Devices
AN-732 AD-AN-732 Datasheet
277Kb / 4P
Universal Precision Op Amp Evaluation Board in SOIC Package
REV. A
AN-763 AD-AN-763 Datasheet
348Kb / 4P
Dual Universal Precision Op Amp Evaluation Board
REV. B
AN-733 AD-AN-733 Datasheet
631Kb / 4P
Universal Precision Op Amp Evaluation Board in MSOP Package
REV. A
logo
National Semiconductor ...
CLC730231 NSC-CLC730231 Datasheet
192Kb / 5P
Quad High Speed SOIC Op Amp Evaluation Board
logo
Linear Technology
LT1014 LINER-LT1014_15 Datasheet
519Kb / 26P
Quad Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com