| Zakładka z wyszukiwarką danych komponentów |
|
TLV2544CPWR Arkusz danych(PDF) 12 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLV2544CPWR Arkusz danych(HTML) 12 Page - Texas Instruments |
|
12 / 48 page ![]() TLV2544, TLV2548 2.7V TO 5.5V, 12BIT, 200KSPS, 4/8CHANNEL, LOW POWER SERIAL ANALOGTODIGITAL CONVERTERS WITH AUTOPOWERDOWN SLAS198E − FEBRUARY 1999 − REVISED JUNE 2003 12 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 read cycle (read FIFO or read CFR) (continued) FIFO read cycle The first command in the active cycle after INT is generated, if the FIFO is used, is assumed as the FIFO read command. The first FIFO content is output immediately before the command is decoded. If this command is not a FIFO read, then the output is terminated but the first data in the FIFO is retained until a valid FIFO read command is decoded. Use of more layers of the FIFO reduces the time taken to read multiple data. This is because the read cycle does not generate EOC or INT, nor does it carry out any conversion. SCLK CS FS SDI INT EOC SDO ID15 ID14 ID13 ID12 OD7 OD5 OD0 12 3 4 5 6 713 14 15 16 12 OD11 OD10 OD9 OD6 OD8 ID15 12 OD10 OD11 ID14 These devices can perform continuous FIFO read cycles (FS = 1) controlled by SCLK; SCLK can stop between each 16 SCLKs. Figure 4. TLV2544/TLV2548 FIFO Read Cycle (FS = 1) |