| Zakładka z wyszukiwarką danych komponentów |
|
TLV2544CPWR Arkusz danych(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLV2544CPWR Arkusz danych(HTML) 13 Page - Texas Instruments |
|
13 / 48 page ![]() TLV2544, TLV2548 2.7V TO 5.5V, 12BIT, 200KSPS, 4/8CHANNEL, LOW POWER SERIAL ANALOGTODIGITAL CONVERTERS WITH AUTOPOWERDOWN SLAS198E − FEBRUARY 1999 − REVISED JUNE 2003 13 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 write cycle (write CFR) The write cycle is used to write to the configuration register CFR (with 12-bit register content). The write cycle does not generate an EOC or INT, nor does it carry out any conversion (see power up and initialization requirements). SCLK CS FS SDI INT EOC SDO ID14 ID13 ID12 ID15 ID11 ID10 ID9 ID4 ID3 ID2 ID1 ID0 12 3 4 5 6 713 14 15 16 1 12 ID15 Figure 5. TLV2544/TLV2548 Write Cycle (FS Active) SCLK CS FS SDI INT EOC SDO ID15 ID14 ID13 ID12 ID15 ID11 ID10 ID9 ID4 ID3 ID2 ID1 ID0 12 3 4 5 6 713 14 15 16 1 12 ID14 Figure 6. TLV2544/TLV2548 Write Cycle (FS = 1) |