Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMS12CSB1 Arkusz danych(PDF) 13 Page - List of Unclassifed Manufacturers

Numer części SMS12CSB1
Szczegółowy opis  Quick mating panel and cable connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SMS12CSB1 Arkusz danych(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SMS12CSB1 Datasheet HTML 8Page - List of Unclassifed Manufacturers SMS12CSB1 Datasheet HTML 9Page - List of Unclassifed Manufacturers SMS12CSB1 Datasheet HTML 10Page - List of Unclassifed Manufacturers SMS12CSB1 Datasheet HTML 11Page - List of Unclassifed Manufacturers SMS12CSB1 Datasheet HTML 12Page - List of Unclassifed Manufacturers SMS12CSB1 Datasheet HTML 13Page - List of Unclassifed Manufacturers SMS12CSB1 Datasheet HTML 14Page - List of Unclassifed Manufacturers SMS12CSB1 Datasheet HTML 15Page - List of Unclassifed Manufacturers SMS12CSB1 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SMS – Quick mating Pin Header
Quick mating PC
boardmount
Pin Headers and plugs
Description
Quick mating Pin Header, available in 3,
4, 6, 9 and 10 positions, provides the
additional versatility of straight and right
angle board mounting.
Offered as an alternative to stacked
connectors, the in-line contact design of the
pin header provides the user with significant
PC board space savings.
The boardmount receptacle features
positieve polarization and a moulded
on pin protection skirt and is supplied
preassembled with straight or right angled:
• Solid machined or stamped and formed
PC board pin contacts.
• Coax PC board pin contacts.
The socket cable plug features positive
quick connect / disconnect latches and
is designed to accept N° 16 TRIM TRIO
.0625” (1.6mm) diameter socket contacts
for maximum contact protection.
Features and benefits
• Available in 3, 4, 6, 9 and 10 positions.
• In-line contact design, offering significant
PC board space savings.
• Boardmount connectors available
in straight and right-angled version
preassembled with:
- Solid machined or stamped and formed
pin contacts.
• - Coax pin contacts.
• UL recognized File Nr.: E238675
Construction
Connector body:
Glass filled thermoplast UL94-V0
Colour: Black
Contacts: High conductive copper alloy
Performance characteristics
Operating
temperature:
-55°C to +125°C
Insulation
resistance:
5000 MΩ min.
Test potential:
2000 VAC
Current rating:
5 Amp for stamped
contacts
7.5 Amp for machined
contacts
Durability:
500 matings and
unmatings.
Intermateability
• “SMS” Socket plugs accept TRIM TRIO
size 16 removable snap-lock contacts (see
contact section)
• Contacts to be ordered seperately.
Plating table
Plating for solid machined contacts:
No digit (std)
= Min. 0.4µ Gold all over,
over Nickel.
T = 3 - 5µ Tin all over
Plating for Stamped and formed contacts :
D28 = Min. 0.75µ Au over nickel.
D70 = Gold flash all over
TR29 = 1.2µ Pre-plated Tin all over.
Plating for coax contacts:
Z17 = Min. 0.75µ Au in contact area,
Flash on solder tail (inner)
Min 0.75µ Au in contact area,
Tin on solder tail (outer)
How to order
SMS
SMS
SMS
3
1
–
PH
CH
P3
9
9
9
TR29
Z17
–
Connector family
Contact arrangement
Contact type:
PH:
Pin header boardmount.
CH:
Coax header boardmount.
P3:
Socket cable plug for pin and coax boardmount header.
Design variation:
1:
Right angle coax header boardmount with male contacts.
2:
Straight coax header boardmount with male contacts
3:
Right angle pin header boardmount with stamped male contacts
4:
Straight pin header boardmount with stamped male contacts
GE6:
Right angle pin header boardmount with machined male contacts
GE4:
Straight pin header boardmount with machined male contacts
Plating indication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com