Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMS12CSB1 Arkusz danych(PDF) 7 Page - List of Unclassifed Manufacturers

Numer części SMS12CSB1
Szczegółowy opis  Quick mating panel and cable connectors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SMS12CSB1 Arkusz danych(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SMS12CSB1 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMS12CSB1 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMS12CSB1 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMS12CSB1 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMS12CSB1 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMS12CSB1 Datasheet HTML 8Page - List of Unclassifed Manufacturers SMS12CSB1 Datasheet HTML 9Page - List of Unclassifed Manufacturers SMS12CSB1 Datasheet HTML 10Page - List of Unclassifed Manufacturers SMS12CSB1 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SMS – Quick mating
Accessories for standard Quick mating connectors
Pin protection shroud for panel mount receptacle (SMS--CSB1)
When pins are inserted into the panelmount
receptacle half (SMS--R1) of the Quick
mating connector, an optional pin
protection shroud can be installed.
The shroud is mounted at the same time
as the receptacle by holding the shroud
against the mating side of the panel with
both cutouts lined up. The receptacle is
then inserted in place, trapping the shroud
between the receptacle and panel. The use
of the pin protection shroud reduces the
allowable thickness of the panel from 2.3 to
1.6 mm max.
Strain relief hoods
(SMS—H1)
Part number
Number of contact
A
B
positions
SMS2CSB1
2
19.8
SMS3CSB1
3
23.4
18.8
SMS4CSB1
4
28.4
SMS6CSB1
6
23.9
SMS9CSB1
9
29.0
SMS12CSB1
12
23.4
34.0
SMS15CSB1
15
39.1
SMS18CSB1
18
44.2
SMS24CSB1
24
28.4
SMS36CSB1
36
54.1
34.0
Discrimination pins
For discrimination pins on both standard Quick mating and Quick mating Pin Headers cable and boardmount:
See accessories section.
Separate strain relief hoods are available for all standard plugs SMS—P1.
The hoods consist of identical halves that snap into position on the plug and are secured in
place with the cable tie drawn tightly around the cabe entry collar.
Catalog numbers designate a complete hood (2 halves) SMS—H1
The cable tie is not included (TF4D – TF5D)
Two three and four position hoods are single piece units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com