Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM6TY Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części SM6TY
Szczegółowy opis  Automotive 600 W Transil
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6TY Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button SM6TY Datasheet HTML 4Page - STMicroelectronics SM6TY Datasheet HTML 5Page - STMicroelectronics SM6TY Datasheet HTML 6Page - STMicroelectronics SM6TY Datasheet HTML 7Page - STMicroelectronics SM6TY Datasheet HTML 8Page - STMicroelectronics SM6TY Datasheet HTML 9Page - STMicroelectronics SM6TY Datasheet HTML 10Page - STMicroelectronics SM6TY Datasheet HTML 11Page - STMicroelectronics SM6TY Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Ordering information
SM6TY
10/12
Doc ID 17741 Rev 3
5
Ordering information
Table 4.
Marking
Order code
Marking
Order code
Marking
SM6T6V8AY
DEY
SM6T6V8CAY
LEY
SM6T7V5AY
DGY
SM6T7V5CAY
LGY
SM6T10AY
DPY
SM6T10CAY
LPY
SM6T12AY
DTY
SM6T12CAY
LTY
SM6T15AY
DXY
SM6T15CAY
LXY
SM6T18AY
EEY
SM6T18CAY
MEY
SM6T22AY
EKY
SM6T22CAY
MKY
SM6T24AY
EMY
SM6T24CAY
MMY
SM6T27AY
EPY
SM6T27CAY
MPY
SM6T30AY
ERY
SM6T30CAY
MRY
SM6T33AY
ETY
SM6T33CAY
MTY
SM6T36AY
EVY
SM6T36CAY
MVY
SM6T39AY
EXY
SM6T39CAY
MXY
SM6T42AY
FBY
SM6T42CAY
NAY
SM6T47AY
FAY
SM6T47CAY
NBY
SM6T56AY
FLY
SM6T56CAY
NLY
SM6T68AY
FQY
SM6T68CAY
NQY
SM6T75AY
FSY
SM6T75CAY
NSY
SM6T82AY
FWY
SM6T82CAY
NWY
Table 5.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
SM6TxxxAy/CAy(1)
1.
Where xxx is nominal value of VBR and A or CA indicates unidirectional or bidirectional version. See
Table 2 for list of available devices and their order codes
See Table 4 on page 10
SMB
0.11 g
2500
Tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com