Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM6TY Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części SM6TY
Szczegółowy opis  Automotive 600 W Transil
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6TY Arkusz danych(HTML) 4 Page - STMicroelectronics

  SM6TY Datasheet HTML 1Page - STMicroelectronics SM6TY Datasheet HTML 2Page - STMicroelectronics SM6TY Datasheet HTML 3Page - STMicroelectronics SM6TY Datasheet HTML 4Page - STMicroelectronics SM6TY Datasheet HTML 5Page - STMicroelectronics SM6TY Datasheet HTML 6Page - STMicroelectronics SM6TY Datasheet HTML 7Page - STMicroelectronics SM6TY Datasheet HTML 8Page - STMicroelectronics SM6TY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristics
SM6TY
4/12
Doc ID 17741 Rev 3
Figure 5.
Clamping voltage versus peak pulse current exponential waveform (maximum values)
Figure 3.
Peak power dissipation versus
initial junction temperature
(typical values)
Figure 4.
Peak pulse power versus
exponential pulse duration
0
100
200
300
400
500
600
700
10/1000 µs
0
25
50
75
100
125
150
175
P
pp (W)
Tj(°C)
0.1
1.0
10.0
100.0
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
P
PP(kW)
T
j initial = 25 °C
tP(ms)
0.1
1.0
10.0
100.0
1000.0
1
10
100
1000
I
PP(A)
T
= 25 °C
j initial
8/20 µs
10/1000 µs
V (V)
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com