Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STN4130 Arkusz danych(PDF) 2 Page - Stanson Technology

Numer części STN4130
Szczegółowy opis  N Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STANSON [Stanson Technology]
Strona internetowa  http://www.stansontech.com
Logo STANSON - Stanson Technology

STN4130 Arkusz danych(HTML) 2 Page - Stanson Technology

  STN4130 Datasheet HTML 1Page - Stanson Technology STN4130 Datasheet HTML 2Page - Stanson Technology STN4130 Datasheet HTML 3Page - Stanson Technology STN4130 Datasheet HTML 4Page - Stanson Technology STN4130 Datasheet HTML 5Page - Stanson Technology STN4130 Datasheet HTML 6Page - Stanson Technology STN4130 Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STN4130
N Channel Enhancement Mode MOSFET
20.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2009, Stanson Corp.
STN4130 2009. V1
ABSOULTE MAXIMUM RATINGS (Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
(TJ=150℃)
TA=25℃
TA=70℃
ID
20.0
10.0
A
Pulsed Drain Current
IDM
34
A
Continuous Source Current (Diode Conduction)
IS
36
A
Power Dissipation
TA=25℃
TA=70℃
PD
42
25
W
Operation Junction Temperature
TJ
155
Storgae Temperature Range
TSTG
-55/155
Thermal Resistance-Junction to Ambient
RθJA
13
℃/W



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com