Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STN4130 Arkusz danych(PDF) 3 Page - Stanson Technology

Numer części STN4130
Szczegółowy opis  N Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STANSON [Stanson Technology]
Strona internetowa  http://www.stansontech.com
Logo STANSON - Stanson Technology

STN4130 Arkusz danych(HTML) 3 Page - Stanson Technology

  STN4130 Datasheet HTML 1Page - Stanson Technology STN4130 Datasheet HTML 2Page - Stanson Technology STN4130 Datasheet HTML 3Page - Stanson Technology STN4130 Datasheet HTML 4Page - Stanson Technology STN4130 Datasheet HTML 5Page - Stanson Technology STN4130 Datasheet HTML 6Page - Stanson Technology STN4130 Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STN4130
N Channel Enhancement Mode MOSFET
20.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2009, Stanson Corp.
STN4130 2009. V1
ELECTRICAL CHARACTERISTICS ( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Static
Drain-Source
Breakdown Voltage
V(BR)DSS
VGS=0V,ID=250mA
60
V
Gate Threshold
Voltage
VGS(th)
VDS=VGS,ID=250uA
1
2.5
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
100
nA
VDS=60V,VGS=0V
1
Zero Gate Voltage
Drain Current
IDSS
VDS=48V,VGS=0V
TJ=55℃
5
uA
Drain-source On-
Resistance
RDS(on)
VGS=10V,ID=20A
VGS=4.5V,ID=20A
40
50
47
58
mΩ
Forward
Transconductance
gfs
VDS=5V,ID=20A
50
S
Diode Forward Voltage
VSD
IS=1.0A,VGS=0V
0.78
1.0
V
Dynamic
Total Gate Charge
Qg
34
Gate-Source Charge
Qgs
16
Gate-Drain Charge
Qgd
VDS=10V,VDS=30V
ID≡20A
5.4
nC
Input Capacitance
Ciss
1600
Output Capacitance
Coss
100
Reverse
TransferCapacitance
Crss
VDS =30V,VGS=0V
F=1MHz
68
pF
7.5
Turn-On Time
td(on)
tr
6.5
33
Turn-Off Time
td(off)
tf
VDS=30V, VGS=10V
RL= 1.5Ω
ID=5.0A,VGEN=3Ω
7.5
nS



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com