| Zakładka z wyszukiwarką danych komponentów |
|
NHIXP435AD Arkusz danych(PDF) 8 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
NHIXP435AD Arkusz danych(HTML) 8 Page - Intel Corporation |
|
8 / 24 page ![]() 2.0 Summary Table of Changes Intel® IXP43X Product Line of Network Processors Specification Update December 2008 8 Order Number: 316847; Revision: 005US 2.3 Intel XScale® Technology Errata Errata No. Steppings Page Status Errata Intel® IXP43X Product Line of Network Processors A0 Intel® IXP43X Product Line of Network Processors A1 1 XX 18 No Fix Abort is Missed When Lock Command is Outstanding 2 XX 18 No Fix Aborted Store that Hits the Data Cache May Mark Write- Back Data as ‘Dirty’ 3 XX 18 No Fix Performance Monitor Unit Event 0x1 Can be Incremented Erroneously by Unrelated Events 4 XX 19 No Fix In Special Debug State, Back-to-Back Memory Operations — Where the First Instruction Aborts — May Cause a Hang 5 XX 19 No Fix Accesses to the CP15 ID Register With Opcode2 > 0b001 Returns Unpredictable Values 6 XX 20 No Fix Disabling and Re-Enabling the MMU Can Hang the Processor or Cause It to Execute the Wrong Code 7 XX 20 No Fix Updating the JTAG Parallel Registers Requires an Extra TCK Rising Edge 8 XX 20 No Fix Non-Branch Instruction in Vector Table May Execute Twice After a Thumb Mode Exception 2.4 Specification Changes Errata No. Steppings Page Status Errata Intel® IXP43X Product Line of Network Processors A0 Intel® IXP43X Product Line of Network Processors A1 1 XX 22 Doc Updates to Pull-Down Strapping resistor value 2 XX 22 Doc Updates to Pull-Down Resistor Value on JTG_TRST_N 3 XX 22 Doc IEEE* 1588 Hardware Assistance Support 4 XX 22 Doc Turbo-MII Mode Support 5 XX 22 Doc Add Procedure to Issue EMRS OCD Command during DDR SDRAM Initialization 6 XX 23 Doc Updates to DDR2 Setup/Hold Timing Values |