Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NHIXP435AD Arkusz danych(PDF) 5 Page - Intel Corporation

Numer części NHIXP435AD
Szczegółowy opis  Intel IXP43X Product Line of Network Processors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTEL [Intel Corporation]
Strona internetowa  http://www.intel.com
Logo INTEL - Intel Corporation

NHIXP435AD Arkusz danych(HTML) 5 Page - Intel Corporation

  NHIXP435AD Datasheet HTML 1Page - Intel Corporation NHIXP435AD Datasheet HTML 2Page - Intel Corporation NHIXP435AD Datasheet HTML 3Page - Intel Corporation NHIXP435AD Datasheet HTML 4Page - Intel Corporation NHIXP435AD Datasheet HTML 5Page - Intel Corporation NHIXP435AD Datasheet HTML 6Page - Intel Corporation NHIXP435AD Datasheet HTML 7Page - Intel Corporation NHIXP435AD Datasheet HTML 8Page - Intel Corporation NHIXP435AD Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Intel® IXP43X Product Line of Network Processors
December 2008
Specification Update
Order Number: 316847; Revision: 005US
5
1.0 Preface
1.0
Preface
This document is an update to the specifications contained in the Affected Documents/
Related Documents table below. This document is a compilation of device and
documentation errata, specification clarifications and changes. It is intended for
hardware system manufacturers and software developers of applications, operating
systems, or tools.
Information types defined in the Nomenclature section are consolidated into this
specification update and are no longer published in other documents.
This document may contain information that was not previously published.
Refer to the Intel® IXP43X Product Line of Network Processors Datasheet for detailed
information on various features listed by processor.
1.1
Affected Documents/Related Documents
1.2
Nomenclature
Errata are design defects or errors. These may cause the behavior of Intel® IXP43X
Product Line of Network Processors’ to deviate from the published specifications.
Hardware and software designed to be used with any given stepping must assume that
all errata documented for that stepping are present on all devices.
Specification Changes are modifications to the current published specifications. These
changes will be incorporated in any new release of the specification.
Specification Clarifications describe a specification in greater detail or further highlight
the impact of a specification to a complex design situation. These clarifications will be
incorporated in any new release of the specification.
Documentation Changes include typos, errors, or omissions from the current
published specifications. These will be incorporated in any new release of the
specification.
Note:
Errata remain in the specification update throughout the lifecycle of the product, or
until a particular stepping is no longer commercially available. Under these
circumstances, errata removed from the specification update are archived and available
upon request. Specification changes, specification clarifications and documentation
changes are removed from the specification update when the changes are made to the
appropriate product specification or user documentation such as datasheets, manuals,
and so on.
§ §
Title
Document
Number
Intel® IXP43X Product Line of Network Processors Datasheet
316842
Intel® IXP43X Product Line of Network Processors Developer’s Manual
316843
Intel® IXP43X Product Line of Network Processors Hardware Design Guidelines
316844
Intel® IXP43X Product Line of Network Processors Design Checklist
316849
Intel® IXP43X Product Line of Network Processors: Migrating from the Intel® IXP42X Product
Line Application Note
316845



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24