| Zakładka z wyszukiwarką danych komponentów |
|
83C196KB Arkusz danych(PDF) 16 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
83C196KB Arkusz danych(HTML) 16 Page - Intel Corporation |
|
16 / 22 page ![]() 8XC196KB8XC196KB16 EXPLANATION OF AC SYMBOLS Each symbol is two pairs of letters prefixed by ‘‘T’’ for time The characters in a pair indicate a signal and its condition respectively Symbols represent the time between the two signalcondition points Conditions Signals H - High L - Low V - Valid X - No Longer Valid Z - Floating A - Address B - BHE BR - BREQ C - CLKOUT D - DATA IN G - Buswidth H - HOLD HA - HLDA L - ALEADV Q - DATA OUT R- RD W- WR WRH WRL X - XTAL1 Y - READY AC CHARACTERISTICSSERIAL PORTSHIFT REGISTER MODE SERIAL PORT TIMINGSHIFT REGISTER MODE (MODE 0) Symbol Parameter Min Max Units TXLXL Serial Port Clock Period (BRR t 8002H) 6 TOSC ns TXLXH Serial Port Clock Falling Edge to Rising Edge (BRR t 8002H) 4 TOSC b 50 4 TOSC a 50 ns TXLXL Serial Port Clock Period (BRR e 8001H) 4 TOSC ns TXLXH Serial Port Clock Falling Edge to Rising Edge (BRR e 8001H) 2 TOSC b 50 2 TOSC a 50 ns TQVXH Output Data Setup to Clock Rising Edge 2 TOSC b50 ns TXHQX Output Data Hold after Clock Rising Edge 2 TOSC b50 ns TXHQV Next Output Data Valid after Clock Rising Edge 2 TOSC a50 ns TDVXH Input Data Setup to Clock Rising Edge TOSC a50 ns TXHDX Input Data Hold after Clock Rising Edge 0 ns TXHQZ Last Clock Rising to Output Float 2 TOSC ns WAVEFORMSERIAL PORTSHIFT REGISTER MODE SERIAL PORT WAVEFORMSHIFT REGISTER MODE (MODE 0) 270909 – 18 16 |