| Zakładka z wyszukiwarką danych komponentów |
|
83C196KB Arkusz danych(PDF) 3 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
83C196KB Arkusz danych(HTML) 3 Page - Intel Corporation |
|
3 / 22 page ![]() 8XC196KB8XC196KB16 PROCESS INFORMATION This device is manufactured on P6290 and 6291 a CHMOS III-E process Additional process and reli- ability information is available in Intel’s Components Quality and Reliability Handbook Order Number 210997 270909 – 2 EXAMPLE N87C196KB16 is 68-Lead PLCC OTPROM 16 MHz For complete package dimensional data refer to the Intel Packaging Handbook (Order Number 240800) NOTE 1 EPROMs are available as One Time Programmable (OTPROM) only Figure 2 The 8XC196KB Nomenclature Table 1 Thermal Characteristics Package ija ijc Type PLCC 35 CW 13 CW QFP 70 CW 4 CW All thermal impedance data is approximate for static air conditions at 1W of power dissipation Values will change depending on operation conditions and application See the Intel Packaging Handbook (order number 240800) for a description of Intel’s thermal impedance test methodology Table 2 8XC196KB Memory Map Description Address External Memory or IO 0FFFFH 04000H Internal ROMEPROM or External 3FFFH Memory (Determined by EA) 2080H Reserved Must contain FFH 207FH (Note 5) 2040H Upper Interrupt Vectors 203FH 2030H ROMEPROM Security Key 202FH 2020H Reserved Must contain FFH 201FH (Note 5) 201AH Reserved Must Contain 20H 2019H (Note 5) CCB 2018H Reserved Must contain FFH 2017H (Note 5) 2014H Lower Interrupt Vectors 2013H 2000H Port 3 and Port 4 1FFFH 1FFEH External Memory 1FFDH 0100H 232 Bytes Register RAM (Note 1) 00FFH 0018H CPU SFR’s (Notes 1 3) 0017H 0000H NOTES 1 Code executed in locations 0000H to 00FFH will be forced external 2 Reserved memory locations must contain 0FFH unless noted 3 Reserved SFR bit locations must contain 0 4 Refer to 8XC196KB quick reference for SFR descrip- tions 5 WARNING Reserved memory locations must not be written or read The contents andor function of these lo- cations may change with future revisions of the device Therefore a program that relies on one or more of these locations may not function properly 3 |