Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AB-X0A5XXX-X Arkusz danych(PDF) 3 Page - Nel Frequency Controls,inc

Numer części AB-X0A5XXX-X
Szczegółowy opis  Sine wave or CMOS/TTL XO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEL [Nel Frequency Controls,inc]
Strona internetowa  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

AB-X0A5XXX-X Arkusz danych(HTML) 3 Page - Nel Frequency Controls,inc

  AB-X0A5XXX-X Datasheet HTML 1Page - Nel Frequency Controls,inc AB-X0A5XXX-X Datasheet HTML 2Page - Nel Frequency Controls,inc AB-X0A5XXX-X Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CRYSTAL OSCILLATORS
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
Data Sheet 0917B
Rev. D
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Operating Temperature Range
To
-40 to +85
ºC
Storage Temperature Range
Tst
-50 to +90
ºC
Supply Voltage
Vcc
-0.5 to 1.1 Vcc
V
Electrical Parameters (1)
Parameter
Symb
Conditions, Note
MIN
TYP
MAX
Unit
Nominal Frequency
Fo
12
250
MHz
Supply Voltage
Vcc
Code 0
Code A
Code B
4.75
3.135
2.375
5.0
3.3
2.5
4.25
3.465
2.625
V
Supply current
Icc
Frequency & Vcc dependent,
Consult factory
50
mA
Output Logic Type
S version
T version
Sine wave
CMOS/TTL
Load
Sine - Internally AC-coupled
CMOS/TTL
50
15pf/10K ohm
Ohm
Duty Cycle(Symmetry)
At 50% Vcc; CMOS/TTL only
45/55
50/50
55/45
%
Rise/Fall Time
Tr,Tf
0.2Vcc to 0.8Vcc; CMOS/TTL
F<70MHz
70MHz>F<125MHz
125MHz<F<250Mhz
3
2
1.5
5
3
2.5
ns
Output power
Pout
Into 50 Ohm, Sine wave only
Note: 3dBm lower for Vcc 2.5V
5
10
dBm
Harmonics
Ph
Highest, Sine wave only
-30
dBc
Sub-Harmonics
Ps
none
Integrated from Phase Noise,
12 KHz to 20 MHz , RMS
0.1
0.15
ps
10Hz to 80KHz,RMS
0.8
ps
50 KHz to 80 MHz
0.2
ps
Jitter
Integrated
J
Deterministic
0
ps
Phase Noise *
£(Δf)
@100 MHz
@ 10 Hz
@100 Hz
@1 KHz
@10KHz
@100KHz
@>1MHz
-90
-120
-145
-160
-165
-165
-85
-115
-140
-158
-165
-165
dBc/Hz
Frequency Stability
ΔF/F
Overall, including
temperature, aging 10 years,
shock and vibration
See Chart
ppm
* Please consult factory for performance at other frequencies.
Note: 1. All parameters, unless otherwise specified, are at nominal conditions, ie: T=25°C, Nominal Vcc & Nominal Load.



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com