Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AB-X0A5XXX-X Arkusz danych(PDF) 1 Page - Nel Frequency Controls,inc

Numer części AB-X0A5XXX-X
Szczegółowy opis  Sine wave or CMOS/TTL XO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEL [Nel Frequency Controls,inc]
Strona internetowa  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

AB-X0A5XXX-X Arkusz danych(HTML) 1 Page - Nel Frequency Controls,inc

  AB-X0A5XXX-X Datasheet HTML 1Page - Nel Frequency Controls,inc AB-X0A5XXX-X Datasheet HTML 2Page - Nel Frequency Controls,inc AB-X0A5XXX-X Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CRYSTAL OSCILLATORS
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
Data Sheet 0917B
AB-X0A5XXX-X Series
Rev. D
Sine wave or CMOS/TTL XO
Description
The AB-X0A5XXX-X crystal oscillator (XO) provides Sine wave or CMOS/TTL output options..
The device does not use any frequency multiplication, providing exceptionally low Phase Noise
and Jitter. It’s packaged in a miniature, FR-4 based 9x14 mm SMD package. COTS/Dual use.
Creating a Part Number
AB - X 0A5 X X X – X - FREQ
Package code
AB 6 pad 9x14 mm SMD
Operating Voltage
0 5.0V ±5%
A 3.3V ±5%
B 2.5V ±5%
Temperature Range, ºC
A - 0 to 50
B - 0 to 70
C - -20 to 70
D - -40 to 85
9 - Customer Specific
Frequency Stability, ppm
E - ±20
F - ±25
G - ±50
H - ±100
9 - Customer specific
Environmental
L Contains a level of lead that is in
excess of RoHs directive and is
not designed for reflow
R RoHS compliant
Output Option
T - CMOS/TTL
S - Sine wave


Podobny numer części - AB-X0A5XXX-X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nel Frequency Controls,...
AB-X0A3XX-X NEL-AB-X0A3XX-X Datasheet
155Kb / 3P
SINE-WAVE UHF, Low Phase Noise XO
More results

Podobny opis - AB-X0A5XXX-X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Abracon Corporation
ACTX1018 ABRACON-ACTX1018 Datasheet
512Kb / 1P
5Vdc or 3.3Vdc TTL / CMOSAND SINE WAVE TEMPERATURE-COMPENSATED XTAL OSCILLATORS
logo
Pletronics, Inc.
SW1145BYE PLETRONICS-SW1145BYE Datasheet
200Kb / 7P
Sine Wave Oscillators
logo
Vanlong Technology Co.,...
TO501 VANLONG-TO501 Datasheet
40Kb / 1P
Clipped-Sine/CMOS/TTL Leaded TCXO
logo
Oscilent Corporation
580-22.0M-315A OSCILENT-580-22.0M-315A Datasheet
144Kb / 2P
Clipped Sine Wave
582-19.6608M-315A OSCILENT-582-19.6608M-315A Datasheet
141Kb / 2P
Clipped Sine Wave
logo
Arizona Microtek, Inc
AZP53 AZM-AZP53 Datasheet
580Kb / 13P
Low Phase Noise Sine Wave/CMOS
logo
Oscilent Corporation
581 OSCILENT-581 Datasheet
134Kb / 2P
Clipped Sine Wave
582 OSCILENT-582 Datasheet
141Kb / 2P
Clipped Sine Wave
logo
Nel Frequency Controls,...
AB-X0A3XX-X NEL-AB-X0A3XX-X Datasheet
155Kb / 3P
SINE-WAVE UHF, Low Phase Noise XO
AE-X0A5XXXX-X NEL-AE-X0A5XXXX-X Datasheet
378Kb / 5P
crystal oscillators (XO) provides high frequency with Sine-Wave or CMOS output
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com