Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTSZ5231BW Arkusz danych(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Numer części MTSZ5231BW
Szczegółowy opis  Surface Mount Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SECOS [SeCoS Halbleitertechnologie GmbH]
Strona internetowa  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MTSZ5231BW Arkusz danych(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  MTSZ5231BW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MTSZ5231BW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MTSZ5231BW Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MTSZ5231BW Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
MTSZ52xxBW Series
500mW, SOD-123LH
Surface Mount Zener Diodes
02-Oct-2012 Rev. B
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Wide Zener Voltage Range Selection, 2.4V to 75V
VZ Tolerance Selection of ±5%
Flat Lead SOD-123LH Plastic Package
Surface Device Type Mounting
Green EMC
Matte Tin(Sn) Lead Finish
Band Indicates Cathode
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-123LH
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Power Dissipation
PD
500
mW
Operating and Storage Temperature Range
TJ, TSTG
-65~150
°C
SOD-123LH
E
F
B
C
D
A
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
3.30
3.70
D
2.50
2.70
B
1.50
1.70
E
0.05
0.20
C
0.80
1.00
F
0.50
0.70


Podobny numer części - MTSZ5231BW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
MTSZ5231BW SECOS-MTSZ5231BW Datasheet
478Kb / 4P
500mW, SOD-123LH Surface Mount Zener Diodes
MTSZ5231BWS SECOS-MTSZ5231BWS Datasheet
256Kb / 4P
200mW , SOD-323L Surface Mount Zener Diodes
More results

Podobny opis - MTSZ5231BW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
Surface Mount Zener Diodes
logo
Pan Jit International I...
AZ23C5V6P PANJIT-AZ23C5V6P Datasheet
262Kb / 3P
SURFACE MOUNT ZENER DIODES
ZMM55-C2V4 PANJIT-ZMM55-C2V4_09 Datasheet
99Kb / 4P
SURFACE MOUNT ZENER DIODES
ZMM5221B PANJIT-ZMM5221B_09 Datasheet
102Kb / 4P
SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
MM9D2V4 WEITRON-MM9D2V4 Datasheet
499Kb / 3P
Surface Mount Zener Diodes
SMB5921B WEITRON-SMB5921B Datasheet
81Kb / 2P
Surface Mount Zener Diodes
logo
Guangdong Juxing Electr...
SMZJ3788B JUXING-SMZJ3788B Datasheet
595Kb / 2P
Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com