Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTSZ5231BW Arkusz danych(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Numer części MTSZ5231BW
Szczegółowy opis  Surface Mount Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SECOS [SeCoS Halbleitertechnologie GmbH]
Strona internetowa  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MTSZ5231BW Arkusz danych(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  MTSZ5231BW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MTSZ5231BW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MTSZ5231BW Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MTSZ5231BW Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Elektronische Bauelemente
MTSZ52xxBW Series
500mW, SOD-123LH
Surface Mount Zener Diodes
02-Oct-2012 Rev. B
Page 3 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified, VF=900mV Maximum@ IF=10mA)
Zener Voltage Range
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK
IZK
IR@VR
28Type Number
Marking
Min(V)
Nom(V)
Max(V)
mA
Ω
Ω
mA
μA
V
MTSZ5251BW
Z22V
20.9
22
23.1
5.6
29
600
0.25
0.1
17
MTSZ5252BW
Z24V
22.8
24
25.2
5.2
33
600
0.25
0.1
18
MTSZ5253BW
Z25V
23.75
25
26.25
5
35
600
0.25
0.1
19
MTSZ5254BW
Z27V
25.65
27
28.35
4.6
41
600
0.25
0.1
21
MTSZ5255BW
Z28V
26.6
28
29.4
4.5
44
600
0.25
0.1
21
MTSZ5256BW
Z30V
28.5
30
31.5
4.2
49
600
0.25
0.1
23
MTSZ5257BW
Z33V
31.35
33
34.65
3.8
58
700
0.25
0.1
25
MTSZ5258BW
Z36V
34.2
36
37.8
3.4
70
700
0.25
0.1
27
MTSZ5259BW
Z39V
37.05
39
40.95
3.2
80
800
0.25
0.1
30
MTSZ5260BW
Z43V
40.85
43
45.15
3
93
900
0.25
0.1
33
MTSZ5261BW
Z47V
44.65
47
49.35
2.7
105
1000
0.25
0.1
36
MTSZ5262BW
Z51V
48.45
51
53.55
2.5
125
1100
0.25
0.1
39
MTSZ5263BW
Z56V
53.2
56
58.8
2.2
150
1300
0.25
0.1
43
MTSZ5264BW
Z60V
57
60
63
2.1
170
1400
0.25
0.1
46
MTSZ5265BW
Z62V
58.9
62
65.1
2
185
1400
0.25
0.1
47
MTSZ5266BW
Z68V
64.6
68
71.4
1.8
230
1600
0.25
0.1
52
MTSZ5267BW
Z75V
71.25
75
78.75
1.7
270
1700
0.25
0.1
56
Notes:
1. The zener voltage (VZ) is tested under pulse condition of 1mS.
2. The device numbers listed have a standard tolerance on the nominal zener voltage of ±5%.
3. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.
CHARACTERISTIC CURVES



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com