Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRFZ44VZ Arkusz danych(PDF) 4 Page - International Rectifier

Numer części IRFZ44VZ
Szczegółowy opis  Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRFZ44VZ Arkusz danych(HTML) 4 Page - International Rectifier

  IRFZ44VZ Datasheet HTML 1Page - International Rectifier IRFZ44VZ Datasheet HTML 2Page - International Rectifier IRFZ44VZ Datasheet HTML 3Page - International Rectifier IRFZ44VZ Datasheet HTML 4Page - International Rectifier IRFZ44VZ Datasheet HTML 5Page - International Rectifier IRFZ44VZ Datasheet HTML 6Page - International Rectifier IRFZ44VZ Datasheet HTML 7Page - International Rectifier IRFZ44VZ Datasheet HTML 8Page - International Rectifier IRFZ44VZ Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
IRFZ44VZS_L
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
VDS, Drain-to-Source Voltage (V)
0
500
1000
1500
2000
2500
3000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = C gs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
0
10203040
5060
QG Total Gate Charge (nC)
0
4
8
12
16
20
VDS= 48V
VDS= 30V
VDS= 12V
ID= 34A
FOR TEST CIRCUIT
SEE FIGURE 13
0.2
0.6
1.0
1.4
1.8
VSD, Source-toDrain Voltage (V)
0.1
1.0
10.0
100.0
1000.0
TJ = 25°C
TJ = 175°C
VGS = 0V
1
10
100
1000
VDS , Drain-toSource Voltage (V)
0.1
1
10
100
1000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com