Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRFZ44VZ Arkusz danych(PDF) 6 Page - International Rectifier

Numer części IRFZ44VZ
Szczegółowy opis  Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRFZ44VZ Arkusz danych(HTML) 6 Page - International Rectifier

Back Button IRFZ44VZ Datasheet HTML 2Page - International Rectifier IRFZ44VZ Datasheet HTML 3Page - International Rectifier IRFZ44VZ Datasheet HTML 4Page - International Rectifier IRFZ44VZ Datasheet HTML 5Page - International Rectifier IRFZ44VZ Datasheet HTML 6Page - International Rectifier IRFZ44VZ Datasheet HTML 7Page - International Rectifier IRFZ44VZ Datasheet HTML 8Page - International Rectifier IRFZ44VZ Datasheet HTML 9Page - International Rectifier IRFZ44VZ Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IRFZ44VZS_L
6
www.irf.com
QG
QGS
QGD
VG
Charge
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 14. Threshold Voltage Vs. Temperature
R G
IAS
0.01
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
20V
VGS
25
50
75
100
125
150
175
Starting TJ, Junction Temperature (°C)
0
50
100
150
200
250
300
ID
TOP
3.8A
5.0A
BOTTOM
34A
-75
-50
-25
0
25
50
75
100 125 150 175
TJ , Temperature ( °C )
1.0
2.0
3.0
4.0
ID = 250µA
1K
VCC
DUT
0
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com