Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2933 Arkusz danych(PDF) 1 Page - KR Electronics, Inc.

Numer części 2933
Szczegółowy opis  30 MHz End of Passband < 3 dB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KR [KR Electronics, Inc.]
Strona internetowa  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2933 Arkusz danych(HTML) 1 Page - KR Electronics, Inc.

  2933 Datasheet HTML 1Page - KR Electronics, Inc. 2933 Datasheet HTML 2Page - KR Electronics, Inc. 2933 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2009, KR Electronics, Inc.
2933, 30 MHz Lowpass, Rev 0, August 27, 2009
KR Electronics
KR Electronics part number 2933 is a 30 MHz elliptic type low-
pass filter. The filter has fast transition to the stopband and high
stopband rejection. Other bandwidths available. Please consult
the factory.
General Description
KR Electronics, Inc.
Features
 30 MHz End of Passband < 3 dB
 Sharp Transition to Stopband
 >65 dB at 36 MHz
 50  Source and Load
 PCB Pins
 Also available in Surface Mount or
SMA connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Podobny numer części - 2933

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Christian Bürkert GmbH ...
2933 BURKERT-2933 Datasheet
918Kb / 20P
2/2-way diaphragm valve with manually operated actuator (basic)
05.03.2024
2933 BURKERT-2933 Datasheet
763Kb / 14P
T-diaphragm valve with manually operated actuator (basic)
05.03.2024
2933 BURKERT-2933 Datasheet
785Kb / 12P
Tank bottom diaphragm valve with manually operated actuator (basic)
05.03.2024
2933 BURKERT-2933 Datasheet
953Kb / 20P
2/2-way diaphragm valve with manually operated actuator (FullFunction)
23.01.2024
logo
KR Electronics, Inc.
2933-SMA KR-2933-SMA Datasheet
75Kb / 3P
30 MHz End of Passband < 3 dB
More results

Podobny opis - 2933

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KR Electronics, Inc.
2843 KR-2843 Datasheet
48Kb / 2P
30 MHz bandpass filter. The filter has a minimum 3 dB bandwidth of 3.2 MHz
logo
EPCOS
B3913 EPCOS-B3913 Datasheet
86Kb / 8P
Usable passband 56 MHz
B4314 EPCOS-B4314 Datasheet
85Kb / 8P
Usable passband 25.0 MHz
logo
Pasternack Enterprises,...
PE8723 PASTERNACK-PE8723 Datasheet
251Kb / 2P
5 Section Lowpass Filter With SMA Female Connectors Operating From 0 MHz To 30 MHz With a 30 MHz Passband
logo
KR Electronics, Inc.
2927 KR-2927 Datasheet
52Kb / 3P
440 MHz End of Passband < 3 dB
2515-S KR-2515-S Datasheet
36Kb / 2P
50 MHz Passband
2933-SMA KR-2933-SMA Datasheet
75Kb / 3P
30 MHz End of Passband < 3 dB
2937 KR-2937 Datasheet
72Kb / 3P
20 MHz End of Passband 3 dB
logo
Pasternack Enterprises,...
PE15A3501 PASTERNACK-PE15A3501 Datasheet
460Kb / 5P
Gain of 30 dB typ
logo
List of Unclassifed Man...
XD3915 ETC-XD3915 Datasheet
14Mb / 27P
3 dB/step, 30 dB Range
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com