Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AG503-89 Arkusz danych(PDF) 3 Page - TriQuint Semiconductor

Numer części AG503-89
Szczegółowy opis  Lead-free / RoHS-compliant / Green SOT-89package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIQUINT [TriQuint Semiconductor]
Strona internetowa  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AG503-89 Arkusz danych(HTML) 3 Page - TriQuint Semiconductor

  AG503-89_15 Datasheet HTML 1Page - TriQuint Semiconductor AG503-89_15 Datasheet HTML 2Page - TriQuint Semiconductor AG503-89_15 Datasheet HTML 3Page - TriQuint Semiconductor AG503-89_15 Datasheet HTML 4Page - TriQuint Semiconductor AG503-89_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com, www.TriQuint.com
Page 3 of 5
January 2008
AG503-89
InGaP HBT Gain Block
Typical Device RF Performance
Supply Bias = +8 V, Rbias = 44
Ω, Icc = 45 mA
Gain vs. Frequency
12
14
16
18
20
22
01
2
3
4
Frequency (GHz)
-40 C
+25 C
+85 C
Output IP3vs. Frequency
15
20
25
30
35
00.5
11.5
22.5
3
Frequency(GHz)
-40C
+25 C
85 C
Output IP2vs. Frequency
25
30
35
40
45
0
200
400
600
800
1000
Frequency(MHz)
+25 C
+85 C
-40C
P1dBvs. Frequency
0
5
10
15
20
00.511.522.5
3
3.5
4
Frequency (GHz)
-40C
+25C
+85C
Noise Figurevs. Frequency
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
3
Frequency (GHz)
-40C
+25C
+85C



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com