Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AG503-89 Arkusz danych(PDF) 1 Page - TriQuint Semiconductor

Numer części AG503-89
Szczegółowy opis  Lead-free / RoHS-compliant / Green SOT-89package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIQUINT [TriQuint Semiconductor]
Strona internetowa  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AG503-89 Arkusz danych(HTML) 1 Page - TriQuint Semiconductor

  AG503-89_15 Datasheet HTML 1Page - TriQuint Semiconductor AG503-89_15 Datasheet HTML 2Page - TriQuint Semiconductor AG503-89_15 Datasheet HTML 3Page - TriQuint Semiconductor AG503-89_15 Datasheet HTML 4Page - TriQuint Semiconductor AG503-89_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com, www.TriQuint.com
Page 1 of 5
January 2008
AG503-89
InGaP HBT Gain Block
Product Features
DC – 4000 MHz
+15.5 dBm P1dB at 900 MHz
+29 dBm OIP3 at 900 MHz
21.5 dB Gain at 900 MHz
Single Voltage Supply
Lead-free / RoHS-compliant /
Green SOT-89package
Internally matched to 50 Ω
Applications
Mobile Infrastructure
CATV / FTTX
W-LAN / ISM
RFID
WiMAX / WiBro
Product Description
The AG503-89 is a general-purpose buffer amplifier that
offers high dynamic range in a low-cost surface-mount
package. At 900 MHz, the AG503-89 typically provides
21.5 dB of gain, +29 dBm OIP3, and +15.5 dBm P1dB.
The
device
combines
dependable
performance
with
consistent quality to maintain MTTF values exceeding
1000 years at mounting temperatures of +85
°C and is
housed
in
a
lead-free/green/RoHS-compliant
SOT-89
industry-standard SMT package.
The AG503-89 consists of Darlington pair amplifiers using
the high reliability InGaP/GaAs HBT process technology
and only requires DC-blocking capacitors, a bias resistor,
and an inductive RF choke for operation.
The broadband MMIC amplifier can be directly applied to
various current and next generation wireless technologies
such as GPRS, GSM, CDMA, and W-CDMA. In addition,
the AG503-89 will work for other various applications
within the DC to 4 GHz frequency range such as CATV
and WiMAX.
Functional Diagram
RF IN
GND
RF OUT
GND
1
23
4
Function
Pin No.
Input
1
Output/Bias
3
Ground
2, 4
Specifications
(1)
Parameter
Units
Min
Typ
Max
Operational Bandwidth
MHz
DC
4000
Test Frequency
MHz
900
Gain
dB
21.3
Input Return Loss
dB
15
Output Return Loss
dB
17
Output P1dB
dBm
+15.6
Output IP3
(2)
dBm
+29
Output IP2
dBm
+37
Noise Figure
dB
3.1
Test Frequency
MHz
1900
Gain
dB
18.1
19.1
20.1
Output P1dB
dBm
+14.4
Output IP3
(2)
dBm
+27.4
Device Voltage
V
5.0
Device Current
mA
45
1. Test conditions: 25 ºC, Supply Voltage = +6 V, Rbias = 22.1 Ω, 50 Ω System.
2. 3OIP measured with two tones at an output power of 0 dBm/tone separated by 10 MHz. The
suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
Absolute Maximum Rating
Parameter
Rating
Storage Temperature
-55 to +150
°C
DC Voltage
+5.8 V
RF Input Power (continuous)
+10 dBm
Junction Temperature
+177
°C
Thermal Resistance, Rth
232
°C / W
Operation of this device above any of these parameters may cause permanent damage.
Typical Performance
(1)
Parameter
Units
Typical
Frequency
MHz
500
900
1900
2140
S21
dB
22.0
21.3
19.1
18.7
S11
dB
-18
-15
-15
-17
S22
dB
-24
-17
-10.6
-10.4
Output P1dB
dBm
+15.6
+15.6
+14.4
+14.2
Output IP3
(2)
dBm
+29.4
+29.0
+27.4
+27.2
Noise Figure
dB
3.0
3.1
3.3
3.3
Ordering Information
Part No.
Description
AG503-89G
InGaP HBT Gain Block
(lead-free/green/RoHS-compliant SOT-89 Package)
AG503-89PCB
700 – 2400 MHz Fully Assembled Eval. Board
Standard T/R size = 3000 pieces on a 13” reel.


Podobny numer części - AG503-89_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WJ Communication. Inc.
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
InGaP HBT Gain Block
logo
List of Unclassifed Man...
AG503-89G ETC-AG503-89G Datasheet
253Kb / 6P
InGaP HBT Gain Block Product Information
logo
WJ Communication. Inc.
AG503-89G WJCI-AG503-89G Datasheet
509Kb / 6P
InGaP HBT Gain Block
AG503-89G WJCI-AG503-89G Datasheet
297Kb / 5P
InGaP HBT Gain Block
logo
List of Unclassifed Man...
AG503-89PCB ETC-AG503-89PCB Datasheet
253Kb / 6P
InGaP HBT Gain Block Product Information
More results

Podobny opis - AG503-89_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TriQuint Semiconductor
AG203-86 TRIQUINT-AG203-86_15 Datasheet
249Kb / 5P
Lead-free/green/RoHS-compliant SOT-86 package
AG302-63 TRIQUINT-AG302-63_15 Datasheet
504Kb / 5P
Lead-free/green/RoHS-compliant SOT-363 package
AG302-86 TRIQUINT-AG302-86_15 Datasheet
250Kb / 5P
Lead-free/green/RoHS-compliant SOT-86 package
AG402-86 TRIQUINT-AG402-86_15 Datasheet
227Kb / 5P
Lead-free/green/RoHS-compliant SOT-363 package
AG402-89 TRIQUINT-AG402-89_15 Datasheet
213Kb / 5P
Lead-free / RoHS-compliant / Green SOT-89 package
AG503-86 TRIQUINT-AG503-86_15 Datasheet
208Kb / 5P
Lead-free/green/RoHS-compliant SOT-86 package
AG403-89 TRIQUINT-AG403-89_15 Datasheet
218Kb / 5P
Lead-free / RoHS-compliant / Green SOT-89 package
AG604-89 TRIQUINT-AG604-89_15 Datasheet
220Kb / 5P
Lead-free / RoHS-compliant / Green SOT-89 package
logo
Qorvo, Inc
AG604-89 QORVO-AG604-89 Datasheet
220Kb / 5P
Lead-free / RoHS-compliant / Green SOT-89 package
AG302-63G QORVO-AG302-63G Datasheet
646Kb / 5P
Lead-free/green/RoHS-compliant SOT-363 package
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com