Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3340 Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części AN3340
Szczegółowy opis  Loudspeaker characterization and compensation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3340 Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button AN3340 Datasheet HTML 6Page - STMicroelectronics AN3340 Datasheet HTML 7Page - STMicroelectronics AN3340 Datasheet HTML 8Page - STMicroelectronics AN3340 Datasheet HTML 9Page - STMicroelectronics AN3340 Datasheet HTML 10Page - STMicroelectronics AN3340 Datasheet HTML 11Page - STMicroelectronics AN3340 Datasheet HTML 12Page - STMicroelectronics AN3340 Datasheet HTML 13Page - STMicroelectronics AN3340 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Loudspeaker compensation
AN3340
10/24
Doc ID 18453 Rev 1
6
Loudspeaker compensation
It should now be clear that using an amplifier with a flat frequency response in the band
20 Hz to 20 kHz does not guarantee a flat overall response for the listener. The global
performance is limited by the poor frequency response of the speakers.
To compensate for a non-ideal speaker response we need to modify the response of the
amplifier. This can be achieved using a set of independent tunable filters to modify the
amplifier response either over a bandwidth as large as possible or over a defined frequency
range. The filters could be analog filters in an analog system and could be digital filters in a
digital system.
Audio amplifiers already having an embedded DSP, such as the one in the Sound Terminal®
family of amplifiers, have the advantage that the processor can also be programmed as
filters to tailor the amplifier response.
6.1
General procedure
For Sound Terminal® devices the DSP can be programmed manually by adding and
modifying, step by step, the parameters of the filters. This manual procedure has, of course,
its drawbacks:
it is time-consuming to repeatedly modify each filter in turn and measure the frequency
response.
the result is user depended. The experience of the user to select the types of filters
(such as peak, low pass, high shelf) and their parameters (such as cut-off frequency,
gain, quality factor) plays a fundamental role.
6.2
Speaker Tune tool
The ST Speaker Tune tool available in the APWorkbench software allows very fast and
reliable frequency compensation of the whole audio chain and in detail the speaker
frequency response. The final result is unique because it is the result of an automatic
procedure based on an algorithm that manages the filter parameters in line with defined and
optimized procedures.
Speaker Tune is a very user friendly tool. It does not need special settings or specific
knowledge of filters. The only information that the tool needs is the frequency response of
the uncompensated loudspeaker.
The speaker frequency response can be imported into the tool in two different ways
tabulated in Microsoft® Excel format
graphically.
In the tabulated method, an example is given in Figure 23 on page 22, the first column
contains the frequencies and the second the sound level measurements. Maximum data
length is 4096 samples and maximum number of header lines is 3.
The frequency response can be measured using professional equipment and with an
anechoic chamber or using an MLS test (with microphone and equipment from Audio
Precision). The only stipulation is that the frequency response data must be expressed in dB
or dBSPL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com