Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3340 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części AN3340
Szczegółowy opis  Loudspeaker characterization and compensation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3340 Arkusz danych(HTML) 4 Page - STMicroelectronics

  AN3340 Datasheet HTML 1Page - STMicroelectronics AN3340 Datasheet HTML 2Page - STMicroelectronics AN3340 Datasheet HTML 3Page - STMicroelectronics AN3340 Datasheet HTML 4Page - STMicroelectronics AN3340 Datasheet HTML 5Page - STMicroelectronics AN3340 Datasheet HTML 6Page - STMicroelectronics AN3340 Datasheet HTML 7Page - STMicroelectronics AN3340 Datasheet HTML 8Page - STMicroelectronics AN3340 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Overview
AN3340
4/24
Doc ID 18453 Rev 1
amplifiers in total) and the crossover filters are implemented using the DSP already present
in the audio chain. Although this solution should provide good performance, the audio
quality which the viewer/listener perceives is not so good because the dimensions of the
speakers are very small.
Some clever and original solutions have been developed in the past, for example, speakers
with two or more coils placed side by side, but the effort was directed only to solve the
problem of the mechanical dimensions, with the sound performance being neglected.
So it seems that the simplest way to improve the overall audio performance of a loudspeaker
system is to tailor the audio signal sent to the speaker in an attempt to compensate for the
deficient speaker response.
2.3
How to compensate a loud speaker
In order to improve the overall audio performance we need to match the audio signal to the
speaker. A simple and effective way to achieve this is to use the equalization circuits often
incorporated in audio amplifiers. In this way the signal can be modified to compensate for
the poor loudspeaker response.
With the ST Sound Terminal® devices this action is very simple to perform. In the DSP
section of these devices is a very flexible equalizer that can be usefully programmed to
compensate the speaker frequency characteristics.
This procedure can be performed manually, for each filter adjusting the frequency, the gain
and the quality factor. However, this procedure needs time and the final result depends on
the operator ability, aptitude and experience.
Another possibility is to use the automatic feature now available in the APWorkbench
software: the ST Speaker Tune.
The final result is an equalization curve which reflects the inverse speaker frequency
response. Thus, the overall frequency response in the final application, in a flat-screen TV,
for instance, will be flatter than the uncompensated system and at the same time the
frequency bandwidth will be enlarged. But the most important effect is the viewer/listener
experience who perceives a positive improvement.
In the next chapters the speaker compensation process using ST Speaker Tune is explained
and acoustic improvements are shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com