Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN3245 Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części AN3245
Szczegółowy opis  A hardware and software guide for the STMPE1801 Xpander
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3245 Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button AN3245 Datasheet HTML 6Page - STMicroelectronics AN3245 Datasheet HTML 7Page - STMicroelectronics AN3245 Datasheet HTML 8Page - STMicroelectronics AN3245 Datasheet HTML 9Page - STMicroelectronics AN3245 Datasheet HTML 10Page - STMicroelectronics AN3245 Datasheet HTML 11Page - STMicroelectronics AN3245 Datasheet HTML 12Page - STMicroelectronics AN3245 Datasheet HTML 13Page - STMicroelectronics AN3245 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Hardware
AN3245
10/19
Doc ID 17747 Rev 1
1.4.2
Dedicated keys
The following is the configuration of the maximum 4 dedicated keys. Four of the row inputs
(GPIO_0, GPIO_1, GPIO_2, and GPIO_3 pins) can be configured as dedicated keys
through the setting of Dkey0~3 bits of the KPC_CTRL register. The dedicated keys function
supports up to 4 simultaneous key presses in the applications.
Figure 9.
Dedicated keys configurations
1.4.3
Combination keys
The 80 matrix keys can be programmed into a 3 combination key which when pressed
simultaneously wakes up the keypad controller and sends an interrupt to the host system.
This feature can be used to implement the <Ctrl> + <Alt> + <Delete> function.
Please refer to Section 1.4.4 for care and handling of ghost keys.
1.4.4
Ghost keys handling
The ghost key is an inherent keypad matrix that is not equipped with a diode at each of the
keys. While it is not possible to avoid ghost key occurrence, the STMPE1801 allows the
detection of possible ghost keys through the capability of detecting 3 simultaneous key-
presses in the key matrix.
The ghost key is only possible if 3 keys are pressed and held down together in a keypad
matrix. If 3 keys are reported by the STMPE1801 keypad controller, it indicates a potential
ghost key situation. The system may check for the possibility of a ghost key by analyzing the
coordinates of the 3 keys. If the 3 keys form 3 corners of a rectangle, it may be a ghost key
situation.
A ghost key may also occur in the “special function keys”. The keypad controller does not
attempt to avoid the occurrence of ghost keys. However, the system should be aware that if
more than one special function key is reported, then there is a possibility of ghost keys.
●
Three simultaneous key presses with ghost key event
–
STMPE1801 stores and reports the 3 keys data
–
System host reads key coordinates that form a 90° corner of a rectangle. System
host should be aware of the possible ghost key event in this condition and
discard/ignore the key data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com